Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV71725PDQNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71725PDQNR
Description  TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71725PDQNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV71725PDQNR Datasheet HTML 7Page - Texas Instruments TLV71725PDQNR Datasheet HTML 8Page - Texas Instruments TLV71725PDQNR Datasheet HTML 9Page - Texas Instruments TLV71725PDQNR Datasheet HTML 10Page - Texas Instruments TLV71725PDQNR Datasheet HTML 11Page - Texas Instruments TLV71725PDQNR Datasheet HTML 12Page - Texas Instruments TLV71725PDQNR Datasheet HTML 13Page - Texas Instruments TLV71725PDQNR Datasheet HTML 14Page - Texas Instruments TLV71725PDQNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TLV717xx Series
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1 F
Ceramic
m
Copyright © 2016, Texas Instruments Incorporated
11
TLV717P
www.ti.com
SBVS176B – OCTOBER 2011 – REVISED APRIL 2016
Product Folder Links: TLV717P
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV717P is a low-dropout regulator (LDO) with low quiescent current that delivers excellent line and load
transient performance. This LDO regulator offers a foldback current limit. The operating junction temperature of
this device series is –40°C to 85°C.
8.2 Typical Application
Figure 15. Typical Application Circuit
8.2.1 Design Requirements
Table 2 lists the parameters for this application.
Table 2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
3.8 V
Output voltage
2.8 V ±1%
Output current
30 to 150 mA
8.2.2 Detailed Design Procedure
8.2.2.1 Input and Output Capacitor Requirements
TI recommends X5R- and X7R-type ceramic capacitors because they have minimal variation in value and
equivalent series resistance (ESR) over temperature. The TLV717P is designed to be stable with an effective
capacitance of 0.1 µF or larger at the output, though TI recommends a 1-µF ceramic capacitor for typical
applications. Thus, the device is stable with capacitors of other dielectric types as well, as long as the effective
capacitance under operating bias voltage and temperature is greater than 0.1 µF. This effective capacitance
refers to the capacitance that the LDO detects under operating bias voltage and temperature conditions; that is,
the capacitance after taking both bias voltage and temperature derating into consideration. In addition to allowing
the use of cheaper dielectrics, this capability of being stable with 0.1-µF effective capacitance also enables the
use of smaller footprint capacitors that have higher derating in size- and space-constrained applications. Using a
0.1-µF rated capacitor at the LDO output does not ensure stability because the effective capacitance under the
specified operating conditions would be less than 0.1 µF. Maximum ESR should be less than 200 m
Ω.
Although an input capacitor is not required for stability, it is good analog design practice to connect a 0.1-µF to 1-
µF, low ESR capacitor across the IN and GND pins of the regulator. This capacitor counteracts reactive input
sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor may be
necessary if large, fast, rise-time load transients are anticipated, or if the device is not located close to the power
source. If source impedance is more than 2
Ω, a 0.1-µF input capacitor may be necessary to ensure stability.


Similar Part No. - TLV71725PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71725PDQNR TI1-TLV71725PDQNR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71725PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com