Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70536YFPT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70536YFPT
Description  Thermal Shutdown and Overcurrent Protection
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70536YFPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV70536YFPT Datasheet HTML 2Page - Texas Instruments TLV70536YFPT Datasheet HTML 3Page - Texas Instruments TLV70536YFPT Datasheet HTML 4Page - Texas Instruments TLV70536YFPT Datasheet HTML 5Page - Texas Instruments TLV70536YFPT Datasheet HTML 6Page - Texas Instruments TLV70536YFPT Datasheet HTML 7Page - Texas Instruments TLV70536YFPT Datasheet HTML 8Page - Texas Instruments TLV70536YFPT Datasheet HTML 9Page - Texas Instruments TLV70536YFPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TLV705, TLV705P
SBVS151E – DECEMBER 2010 – REVISED MAY 2015
www.ti.com
6.5 Electrical Characteristics
At TJ = –40°C to 125°C, VIN = VOUT(nom) + 0.5 V or 2 V (whichever is greater), IOUT = 10 mA, VEN = 0.9 V, and COUT = 1 μF,
unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2
5.5
V
VOUT
Output voltage range
0.7
4.8
V
0 mA
≤ IOUT ≤ 200 mA, VOUT ≥ 1 V
–2%
±0.5%
2%
VO
DC output accuracy
–40°C
≤ TJ ≤ 125°C
0 mA
≤ IOUT ≤ 200 mA, VOUT < 1 V
–20
±5
20
mV
ΔVOUT(ΔVIN)
Line regulation
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V
0.05
5
mV
ΔVOUT(ΔIOUT)
Load regulation
0 mA
≤ IOUT ≤ 200 mA
1
mV
VDO
Dropout voltage(1)
VIN = 0.98 × VOUT(nom), IOUT = 200 mA
145
250
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(nom), TJ = 25°C
260
400
550
mA
IOUT = 0 mA
35
55
μA
IGND
Ground pin current
IOUT = 200 mA
315
μA
Shutdown ground pin
ISHUTDOWN
VEN ≤ 0.4 V, 2 V ≤ VIN ≤ 4.5 V
1
1.8
μA
current
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA, f = 10 kHz
80
dB
Power-supply
PSRR
rejection ratio
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA, f = 1 MHz
55
dB
VIN = 2.3 V, VOUT = 1.8 V
26.6
μVRMS
BW = 100 Hz to
VIN = 3.3 V, VOUT = 2.8 V
26.7
μVRMS
100 kHz, IOUT = 10 mA
VIN = 3.8 V, VOUT = 3.3 V
28.2
μVRMS
Vn
Output noise voltage
VIN = 2.3 V, VOUT = 1.8 V
30.7
μVRMS
BW = 10 Hz to 100 kHz,
VIN = 3.3 V, VOUT = 2.8 V
31.3
μVRMS
IOUT = 10 mA
VIN = 3.8 V, VOUT = 3.3 V
34.1
μVRMS
tSTR
Start-up time(2)
COUT = 1 μF, IOUT = 200 mA
100
μs
VHI
Enable high (enabled)
0.9
VIN
V
VLO
Enable low (disabled)
0
0.4
V
IEN
EN pin current
VEN = 5.5 V
0.01
μA
UVLO
Undervoltage lockout
VIN rising
1.9
V
Shutdown, temperature increasing
160
°C
Thermal shutdown
tSD
temperature
Reset, temperature decreasing
140
°C
Operating junction
TJ
–40
125
°C
temperature
(1)
VDO is measured for devices with VOUT(nom) = 2.35 V so that VIN = 2.3 V.
(2)
Start-up time = time from EN assertion to 0.98 × VOUT(nom).
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV705 TLV705P


Similar Part No. - TLV70536YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70536YFPT TI1-TLV70536YFPT Datasheet
1Mb / 36P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
More results

Similar Description - TLV70536YFPT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
   Thermal shutdown protection and diagnosis
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
   Thermal Shutdown Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com