Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV71718PDQNR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71718PDQNR
Description  TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71718PDQNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV71718PDQNR Datasheet HTML 5Page - Texas Instruments TLV71718PDQNR Datasheet HTML 6Page - Texas Instruments TLV71718PDQNR Datasheet HTML 7Page - Texas Instruments TLV71718PDQNR Datasheet HTML 8Page - Texas Instruments TLV71718PDQNR Datasheet HTML 9Page - Texas Instruments TLV71718PDQNR Datasheet HTML 10Page - Texas Instruments TLV71718PDQNR Datasheet HTML 11Page - Texas Instruments TLV71718PDQNR Datasheet HTML 12Page - Texas Instruments TLV71718PDQNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Foldback Current
Limit
UVLO
Bandgap
IN
EN
OUT
LOGIC
120
W
GND
Copyright © 2016, Texas Instruments Incorporated
9
TLV717P
www.ti.com
SBVS176B – OCTOBER 2011 – REVISED APRIL 2016
Product Folder Links: TLV717P
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV717P belongs to a new family of next-generation value low-dropout (LDO) regulators. These devices
consume low quiescent current and deliver excellent line and load transient performance. These characteristics,
combined with low noise, very good PSRR with little (VIN – VOUT) headroom, make this family of devices ideal for
RF portable applications.
This family of regulators offers current foldback. Device operating junction temperature is –40°C to 85°C.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Internal Current Limit
The TLV717P has an internal foldback current limit that helps to protect the regulator during fault conditions. The
current supplied by the device is gradually throttled down as the output voltage decreases. When the output is
shorted, the LDO supplies a typical current of 40 mA. Output voltage is not regulated when the device is in
current limit, and is VOUT = ILIMIT × RLOAD. The advantage of foldback current limit is that the ILIMIT value is less
than the fixed current limit. Therefore, the power that the PMOS pass transistor dissipates [(VIN – VOUT) × ILIMIT] is
much less.
The TLV717P PMOS pass element has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.


Similar Part No. - TLV71718PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71718PDQNR TI1-TLV71718PDQNR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71718PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com