Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV803M Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV803M
Description  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV803M Datasheet(HTML) 3 Page - Texas Instruments

  TLV803M_13 Datasheet HTML 1Page - Texas Instruments TLV803M_13 Datasheet HTML 2Page - Texas Instruments TLV803M_13 Datasheet HTML 3Page - Texas Instruments TLV803M_13 Datasheet HTML 4Page - Texas Instruments TLV803M_13 Datasheet HTML 5Page - Texas Instruments TLV803M_13 Datasheet HTML 6Page - Texas Instruments TLV803M_13 Datasheet HTML 7Page - Texas Instruments TLV803M_13 Datasheet HTML 8Page - Texas Instruments TLV803M_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
t
d
t
d
t
1
0
t
RESET
ForV
<1.1VUndefined
BehaviorofOutput
DD
RESET
1.1V
V
DD
V
IT-
TLV803M, TLV803R
TLV803S, TLV803Z
www.ti.com
SBVS157A
– APRIL 2011 – REVISED JUNE 2011
RECOMMENDED OPERATING CONDITIONS
At specified temperature range (unless otherwise noted).
MIN
MAX
UNIT
VDD
Supply voltage
1.1
6
V
TA
Operating free-air temperature range
–40
+125
°C
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2 V to 6 V, IOL = 500 µA
0.2
VOL
Low-level output voltage
VDD = 3.3 V, IOL = 2 mA
0.4
V
VDD = 6 V, IOL = 4 mA
0.4
Power-up reset voltage(1)
IOL = 50 µA, VOL < 0.2 V
1.1
V
TLV803Z
2.20
2.25
2.30
TLV803R
2.58
2.64
2.70
Negative-going input
VIT–
TA = – 40°C to 125°C
V
threshold voltage(2)
TLV803S
2.87
2.93
2.99
TLV803M
4.28
4.38
4.48
TLV803Z
30
TLV803R
35
Vhys
Hysteresis
TA = +25°C, IOL = 50 µA
mV
TLV803S
40
TLV803M
60
VDD = 2 V, output unconnected
9
15
IDD
Supply current
µA
VDD = 6 V, output unconnected
20
30
IOH
Output leakage current
VDD = 6 V
100
nA
(1)
The lowest supply voltage at which RESET becomes valid. tr, VDD ≤ 66.7 V/ms.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (0.1-
µF ceramic) should be placed near the supply terminals.
SWITCHING CHARACTERISTICS
At TA = +25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw
Pulse duration at VDD
VDD = 1.08 VIT– to 0.92 VIT–
1
µs
td
Delay time
VDD ≥ VIT– + 0.2 V; see Timing Diagram
120
200
280
ms
TIMING DIAGRAM
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV803M TLV803R TLV803S TLV803Z


Similar Part No. - TLV803M_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803MDBZR TI1-TLV803MDBZR Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803MDBZR TI1-TLV803MDBZR Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803MDBZT TI1-TLV803MDBZT Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803MDBZT TI1-TLV803MDBZT Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
More results

Similar Description - TLV803M_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com