Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV71712PDQNR3 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71712PDQNR3
Description  TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71712PDQNR3 Datasheet(HTML) 4 Page - Texas Instruments

  TLV71712PDQNR3 Datasheet HTML 1Page - Texas Instruments TLV71712PDQNR3 Datasheet HTML 2Page - Texas Instruments TLV71712PDQNR3 Datasheet HTML 3Page - Texas Instruments TLV71712PDQNR3 Datasheet HTML 4Page - Texas Instruments TLV71712PDQNR3 Datasheet HTML 5Page - Texas Instruments TLV71712PDQNR3 Datasheet HTML 6Page - Texas Instruments TLV71712PDQNR3 Datasheet HTML 7Page - Texas Instruments TLV71712PDQNR3 Datasheet HTML 8Page - Texas Instruments TLV71712PDQNR3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TLV717P
SBVS176B – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TLV717P
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
At TJ = 25°C, unless otherwise noted. All voltages are with respect to GND.
(1)
MIN
MAX
UNIT
Voltage
Input range, VIN
–0.3
6
V
Enable range, VEN
–0.3
VIN + 0.3
Output range, VOUT
–0.3
6
Current
Maximum output, IOUT
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation, PDISS
See Thermal Information
Temperature
Junction, TJ
–55
150
°C
Storage junction, Tstg
–55
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
1.7
5.5
V
VOUT
Output voltage
1.2
5
V
IOUT
Output current
0
150
mA
VEN
Enable pin voltage
0
VIN
V
TJ
Junction temperature
–40
85
°C
6.4 Thermal Information
THERMAL METRIC
TLV717P
UNIT
DQN (X2SON)
4 PINS
RθJA
Junction-to-ambient thermal resistance
393.3
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
140.3
°C/W
RθJB
Junction-to-board thermal resistance
330
°C/W
ψJT
Junction-to-top characterization parameter
6.5
°C/W
ψJB
Junction-to-board characterization parameter
329
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
147.5
°C/W


Similar Part No. - TLV71712PDQNR3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71712PDQNR TI1-TLV71712PDQNR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71712PDQNR3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com