Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU3A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RU3A
Description  HIGH EFFICENCY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RU3A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RU3A Datasheet HTML 1Page - SUNMATE electronic Co., LTD RU3A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 1.1-2.0 A
VOLTAGE RANGE: 100 - 1000V
HIGH EFFICENCY RECTIFIER DIODES
RU3YX - RU3C
The plastic material carries U/L recognition 94V-0
Maximum peak repetitive reverse voltage
VRRM
400
600
800
1000
V
Maximum RMS voltage
VRMS
280
420
560
700
V
Maximum DC blocking voltage
VDC
400
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
10ms single half-sine-w ave
superimplsed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ I
F=IF(AV)
VF
2.5
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4.0V DC.
3. Thermal resistance junction to ambient.
A
A
A
0.95
1.5
50.0
20.0
1.1
400.0
300.0
2.0
1.5
similar solvents
Easily cleaned with freon, alcohol, lsopropand and
RU3C
RU3B
RU3A
70
100
RU3
Low forward voltage drop
IFSM
IF(AV)
12
IR
10.0
50
100
100
50
30
NOTE: 1.Measured with I
F=0.5A, IR=1A, Irr=0.25A
- 55 ----- + 150
- 55 ----- + 150
1.5
Features
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Weight : 0.465 gram
Case : DO-15 Molded plastic
Mechanical Data
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Polarity : Color band denotes cathode end
Mounting position : Any
Characteristic
Symbol
Unit
!
!
!
!
!
!
!
!
!
!
!
!
Low cost
Diffused junction
Low leakage
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
1 of 2
www.sunmate.tw
RU3YX
Method 208 guaranteed


Similar Part No. - RU3A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU3A SANKEN-RU3A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3A SANKEN-RU3A Datasheet
78Kb / 2P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RU3A EIC-RU3A Datasheet
42Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Rugao Dachang Electroni...
RU3A DACHANG-RU3A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.5A
logo
Shenzhen Taychipst Elec...
RU3A TAYCHIPST-RU3A Datasheet
4Mb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - RU3A

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
HER10X HORNBY-HER10X Datasheet
238Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER30X HORNBY-HER30X Datasheet
232Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER60X HORNBY-HER60X Datasheet
250Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER50X HORNBY-HER50X Datasheet
274Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER20X HORNBY-HER20X Datasheet
264Kb / 3P
   HIGH EFFICENCY RECTIFIER
HER160X HORNBY-HER160X Datasheet
299Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
1HX HORNBY-1HX Datasheet
245Kb / 3P
   MINIATURE HIGH EFFICENCY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
MUR1620CT SEMTECH_ELEC-MUR1620CT Datasheet
280Kb / 2P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
logo
Nantong Hornby Electron...
HER160XPT HORNBY-HER160XPT Datasheet
272Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
HER160XCT HORNBY-HER160XCT Datasheet
306Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com