Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3886A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3886A
Description  BTL 9-Bit Latching Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3886A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3886A Datasheet HTML 1Page - National Semiconductor (TI) DS3886A Datasheet HTML 2Page - National Semiconductor (TI) DS3886A Datasheet HTML 3Page - National Semiconductor (TI) DS3886A Datasheet HTML 4Page - National Semiconductor (TI) DS3886A Datasheet HTML 5Page - National Semiconductor (TI) DS3886A Datasheet HTML 6Page - National Semiconductor (TI) DS3886A Datasheet HTML 7Page - National Semiconductor (TI) DS3886A Datasheet HTML 8Page - National Semiconductor (TI) DS3886A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS3886A
BTL 9-Bit Latching Data Transceiver
General Description
The DS3886A is a higher speed, lower power, pin compat-
ible version of the DS3886.
The DS3886A is one in a series of transceivers designed
specifically for the implementation of high performance Fu-
turebus+ and proprietary bus interfaces. The DS3886A is a
BTL 9-Bit Latching Data Transceiver designed to conform to
IEEE 1194.1 (Backplane Transceiver Logic — BTL) as speci-
fied in the IEEE 896.2 Futurebus+ specification. The
DS3886A incorporates an edge-triggered latch in the driver
path which can be bypassed during fall-through mode of op-
eration and a transparent latch in the receiver path. Utiliza-
tion of the DS3886A simplifies the implementation of byte
wide address/data with parity lines and also may be used for
the Futurebus+ status, tag and command lines.
The DS3886A driver output configuration is an NPN open
collector which allows Wired-OR connection on the bus.
Each driver output incorporates a Schottky diode in series
with it’s collector to isolate the transistor output capacitance
from the bus, thus reducing the bus loading in the inactive
state. The combined output capacitance of the driver output
and receiver input is less than 5 pF. The driver also has high
sink current capability to comply with the bus loading re-
quirements defined within IEEE 1194.1 BTL specification.
Backplane Transceiver Logic (BTL) is a signaling standard
that was invented and first introduced by National Semicon-
ductor, then developed by the IEEE to enhance the perfor-
mance of backplane buses. BTL compatible transceivers
feature low output capacitance drivers to minimize bus load-
ing, a 1V nominal signal swing for reduced power consump-
tion and receivers with precision thresholds for maximum
noise immunity. The BTL standard eliminates settling time
delays that severely limit TTL bus performance, and thus
provide significantly higher bus transfer rates. The back-
plane bus is intended to be operated with termination resis-
tors (selected to match the bus impedance) connected to
2.1V at both ends. The low voltage is typically 1V.
Separate ground pins are provided for each BTL output to
minimize induced ground noise during simultaneous switch-
ing.
The unique driver circuitry meets the maximum slew rate of
0.5 V/ns which allows controlled rise and fall times to reduce
noise coupling to adjacent lines.
The transceiver’s high impedance control and driver inputs
are fully TTL compatible.
The receiver is a high speed comparator that utilizes a Band-
gap reference for precision threshold control, allowing maxi-
mum noise immunity to the BTL 1V signaling level. Separate
QV
CC and QGND pins are provided to minimize the effects
of high current switching noise. The output is TRI-STATE®
and fully TTL compatible.
The DS3886A supports live insertion as defined in IEEE
896.2 through the LI (Live Insertion) pin. To implement live
insertion the LI pin should be connected to the live insertion
power connector. If this function is not supported, the LI pin
must be tied to the V
CC pin. The DS3886A also provides
glitch free power up/down protection during power sequenc-
ing.
The DS3886A has two types of power connections in addi-
tion to the LI pin. They are the Logic V
CC (VCC) and the Quiet
V
CC (QVCC). There are two Logic VCC pins on the DS3886A
that provide the supply voltage for the logic and control cir-
cuitry. Multiple connections are provided to reduce the ef-
fects of package inductance and thereby minimize switching
noise. As these pins are common to the V
CC bus internal to
the device, a voltage delta should never exist between these
pins and the voltage difference between V
CC and QVCC
should never exceed ±0.5V because of ESD circuitry.
When CD (Chip Disable) is high, An is in high impedance
state and Bn is high. To transmit data (An to Bn) the T/R sig-
nal is high.
When RBYP is high, the positive edge triggered flip-flop is in
the transparent mode. When RBYP is low, the positive edge
of the ACLK signal clocks the data.
In addition, the ESD circuitry between the V
CC pins and all
other pins except for BTL I/O’s and LI pins requires that any
voltage on these pins should not exceed the voltage on V
CC
+0.5V.
There are three different types of ground pins on the
DS3886A;
the
logic
ground
(GND),
BTL
grounds
(B0GND–B8GND) and the Bandgap reference ground
(QGND). All of these ground reference pins are isolated
within the chip to minimize the effects of high current switch-
ing transients. For optimum performance the QGND should
be returned to the connector through a quiet channel that
does not carry transient switching current. The GND and
B0GND–B8GND should be connected to the nearest back-
plane ground pin with the shortest possible path.
Since many different grounding schemes could be imple-
mented and ESD circuitry exists on the DS3886A, it is impor-
tant to note that any voltage difference between ground pins,
QGND, GND or B0GND–B8GND should not exceed ±0.5V
including power up/down sequencing.
The DS3886A is offered in 44-pin PLCC, and 44-pin PQFP
high density package styles.
Features
n Fast propagation delay (3ns typ)
n 9-BIT BTL Latched Transceiver
n Driver incorporates edge triggered latches
n Receiver incorporates transparent latches
n Meets IEEE 1194.1 Standard on Backplane Transceiver
Logic (BTL)
n Supports Live Insertion
n Glitch free Power-up/down protection
n Typically less than 5 pF Bus-port capacitance
n Low Bus-port voltage swing (typically 1V) at 80 mA
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
June 1998
© 1999 National Semiconductor Corporation
DS011458
www.national.com


Similar Part No. - DS3886A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3881 MAXIM-DS3881 Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
DS3881E MAXIM-DS3881E Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
DS3881ER MAXIM-DS3881ER Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
DS3881ET MAXIM-DS3881ET Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
DS3882 MAXIM-DS3882 Datasheet
515Kb / 30P
   Dual-Channel Automotive CCFL Controller
Rev 0; 3/06
More results

Similar Description - DS3886A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031_14 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74BCT979 TI1-SN74BCT979 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
NXP Semiconductors
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com