Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH3316P-224MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DH3316P-224MLB
Description  Shielded Power Inductors ??DH3316
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DH3316P-224MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  DH3316P-224MLB Datasheet HTML 1Page - Coilcraft lnc. DH3316P-224MLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – DH3316
These power inductors feature a small footprint, magnetic
shielding and very high efficiency, making them ideal for
high performance DC-DC converter applications.
Like all Coilcraft surface mount power inductors, they are
designed with a flat top for reliable pick and place opera-
tions. The terminations wrap around the end of the base,
ensuring a sound solder fillet and simplifying inspection.
Saturation current ratings up to 10 A and rms current rat-
ings as high as 6 A are available. Very low DC resistance
keeps power losses to a minimum.
In addition to the standard values shown here, DH3316
inductors in custom values are also available. For free
evaluation samples or to order, contact Coilcraft or visit
www.coilcraft.com.
L
DCR
SRF
±20%2
max
typ3
Isat4 Irms5
Part number1
(µH)
(Ohms) (MHz)
(A)
(A)
DH3316P-102ML_
1.0
0.016
290
10.0
6.0
DH3316P-222ML_
2.2
0.020
150
6.7
4.1
DH3316P-332ML_
3.3
0.025
75
5.7
3.7
DH3316P-472ML_
4.7
0.030
55
4.6
3.2
DH3316P-682ML_
6.8
0.048
42
3.6
2.6
DH3316P-103ML_
10
0.065
37
3.2
2.2
DH3316P-153ML_
15
0.084
27
2.6
1.8
DH3316P-223ML_
22
0.126
24
2.2
1.6
DH3316P-333ML_
33
0.198
17
1.7
1.2
DH3316P-473ML_
47
0.295
12
1.5
1.0
DH3316P-683ML_
68
0.415
11
1.1
0.90
DH3316P-104ML_
100
0.620
9
1.0
0.60
DH3316P-154ML_
150
0.970
7
0.8
0.51
DH3316P-224ML_
220
1.270
6
0.65 0.44
DH3316P-334ML_
330
1.850
5
0.50 0.38
DH3316P-684ML_
680
4.400
3
0.35 0.23
DH3316P-105ML_ 1000
5.850
2.5
0.27 0.22
Document 303-1
Document 303-1 Revised 12/13/11
1. When ordering, please specify
packaging code:
DH3316P-105MLD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance tested at 0.1 Vrms, 100 kHz, 0 Adc.
3. SRF measured using Agilent/HP 8753D network analyzer.
4. DC current at which the inductance drops 10% (typ) from its value
without current.
5. Current that causes a 40°C rise from 25°C ambient.
6. Operating temperature range
−40°C to +85°C
7. Electrical specifications at 25°C
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - DH3316P-224MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DH3316P-224MLB COILCRAFT-DH3316P-224MLB Datasheet
140Kb / 2P
   SMT Power Inductors - DH3316 Series
More results

Similar Description - DH3316P-224MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DH3316P-102 COILCRAFT-DH3316P-102 Datasheet
140Kb / 2P
   SMT Power Inductors - DH3316 Series
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com