Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO3340P-224MLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO3340P-224MLD
Description  SMT Power Inductors ??DO3340P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3340P-224MLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO3340P-224MLD Datasheet HTML 1Page - Coilcraft lnc. DO3340P-224MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMTPowerInductors– DO3340P
Document 171-1
Document 171-1 Revised 01/12/11
L
DCR
SRF
Part
±20%2
max
typ
Isat3 Irms4
number1
(µH)
(Ohms) (MHz)
(A)
(A)
DO3340P-103ML_
10
0.040
35
8.0
3.5
DO3340P-153ML_
15
0.050
18
7.0
3.0
DO3340P-223ML_
22
0.066
13
5.5
2.5
DO3340P-333ML_
33
0.080
11
4.0
2.0
DO3340P-473ML_
47
0.110
9.0
3.8
1.6
DO3340P-683ML_
68
0.17
7.0
3.0
1.2
DO3340P-104ML_
100
0.22
5.5
2.5
1.2
DO3340P-154ML_
150
0.34
4.5
2.0
0.9
DO3340P-224ML_
220
0.44
3.5
1.6
0.7
DO3340P-334ML_
330
0.70
3.0
1.2
0.6
DO3340P-474ML_
470
0.95
2.5
1.0
0.3
DO3340P-684ML_
680
1.15
2.0
1.0
0.2
DO3340P-105ML_
1000
2.0
1.5
0.8
0.1
1. When ordering, please specify
termination and packaging codes:
DO3340P-105MLD
Termination: L = RoHS compliant gold over nickel over phos bronze.
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (225 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP
4263B LCR meter or equivalent.
3. DC current at which inductance drops 10% (typ) from its value without
current.
4. Current that causes a 20°C temperature rise from 25°C ambient
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C310 contains 3 of each part
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant electroplated gold (<50 µin) over nickel
over phos bronze. Other terminations available at additional cost.
Weight 1.8– 2.8 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+105°C with derated current
Storage temperature Component: –40°C to +105°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 225 per 13
″ reel Plastic tape: 24 mm wide,
0.4 mm thick, 24 mm pocket spacing, 11.4 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Excellentcurrenthandling–upto3.5Armswithan8Asaturation
current rating for a 10 µH part.


Similar Part No. - DO3340P-224MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3340P-224MLD COILCRAFT-DO3340P-224MLD Datasheet
326Kb / 2P
   SMT Power Inductors - DO3340P
DO3340P-224MLD COILCRAFT-DO3340P-224MLD Datasheet
296Kb / 2P
   SMT Power Inductors - DO3340P
More results

Similar Description - DO3340P-224MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3340P-104 COILCRAFT-DO3340P-104 Datasheet
296Kb / 2P
   SMT Power Inductors - DO3340P
DO3340P-224MLD COILCRAFT-DO3340P-224MLD Datasheet
326Kb / 2P
   SMT Power Inductors - DO3340P
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com