Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1606T-472ML_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO1606T-472ML_
Description  SMT Power Inductors - DO1606T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO1606T-472ML_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO1606T-472ML_ Datasheet HTML 1Page - Coilcraft lnc. DO1606T-472ML_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMTPowerInductors–DO1606TSeries
0.01
0.1
110
0.1
1
10
100
0.01
0.1
110
1000
10000
Frequency (MHz)
100 µH
10 µH
1µH
1000 µH
0.01
0.1
110
Current (A)
0.1
1
10
100
1000
10000
100 µH
10 µH
1µH
1000 µH
Typical L vs Frequency
Typical L vs Current
Document 213-2
Irms Derating
Dimensions are in
inches
mm
0.206
5,23
max
Internal code
0.080
2,03
0.029
0,74
0.256
6,50
max
0.079
2,00
max
0.090
2,29
0.230
5,84
0.040
1,02
Recommended
Land Pattern
Dash number
Note: Parts manufactured prior to
March, 2011 were marked
only with the dash number
Document 213-2 Revised 02/23/15


Similar Part No. - DO1606T-472ML_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1606T-472ML COILCRAFT-DO1606T-472ML Datasheet
205Kb / 2P
   SMT Power Inductors
More results

Similar Description - DO1606T-472ML_

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com