Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO4815-102MLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPO4815-102MLC
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPO4815-102MLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPO4815-102MLC Datasheet HTML 1Page - Coilcraft lnc. LPO4815-102MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT Power Inductors - LPO4815 Series
Document 354-2
Document 354-2 Revised 11/24/15
Recommended
Land Pattern
XXX
X
0.059
1,5
max
max
1.81
4,6
Dash number
0.031 ±0.005
0,787 ±0,127
0.190
4,83
max
Internal code
0.107
2,72
typ
0.035
0,89
0.158
4,01
0.181
4,6
TypicalLvsFrequency
0.1
1
10
100
1000
0.01
0.1
10
1
Frequency (MHz)
1µH
10 µH
47 µH
220 µH
TypicalLvsCurrent
0.1
1
10
100
1000
0.01
0.1
10
1
Current (A)
1µH
10 µH
47 µH
220 µH
Dimensions are in
inches
mm


Similar Part No. - LPO4815-102MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO4815-102MLC COILCRAFT-LPO4815-102MLC Datasheet
187Kb / 2P
   SMT Power Inductors - LPO4815
More results

Similar Description - LPO4815-102MLC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com