Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM248CBK32F-60 Datasheet(PDF) 7 Page - Texas Instruments

Part # TM248CBK32F-60
Description  32-BIT DYNAMIC RAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM248CBK32F-60 Datasheet(HTML) 7 Page - Texas Instruments

  TM248CBK32F-60 Datasheet HTML 1Page - Texas Instruments TM248CBK32F-60 Datasheet HTML 2Page - Texas Instruments TM248CBK32F-60 Datasheet HTML 3Page - Texas Instruments TM248CBK32F-60 Datasheet HTML 4Page - Texas Instruments TM248CBK32F-60 Datasheet HTML 5Page - Texas Instruments TM248CBK32F-60 Datasheet HTML 6Page - Texas Instruments TM248CBK32F-60 Datasheet HTML 7Page - Texas Instruments TM248CBK32F-60 Datasheet HTML 8Page - Texas Instruments TM248CBK32F-60 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TM124BBK32F, TM124BBK32U 1048576 BY 32BIT DYNAMIC RAM MODULE
TM248CBK32F, TM248CBK32U 2097152 BY 32BIT DYNAMIC RAM MODULE
SMMS649A − DECEMBER 1994 − REVISED JUNE 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (continued)
’124BBK32F - 60
’248CBK32F - 60
’124BBK32F - 70
’248CBK32F - 70
’124BBK32F - 80
’248CBK32F - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tWCH
Hold time, W low after CAS low
10
15
15
ns
tWRH
Hold time, W high after RAS low (CBR refresh only)
10
10
10
ns
tCHR
Delay time, RAS low to CAS high (CBR refresh only)
10
10
10
ns
tCRP
Delay time, CAS high to RAS low
5
5
5
ns
tCSH
Delay time, RAS low to CAS high
60
70
80
ns
tCSR
Delay time, CAS low to RAS low (CBR refresh only)
5
5
5
ns
tRAD
Delay time, RAS low to column address (see Note 10)
15
30
15
35
15
40
ns
tRAL
Delay time, column address to RAS high
30
35
40
ns
tCAL
Delay time, column address to CAS high
30
35
40
ns
tRCD
Delay time, RAS low to CAS low (see Note 10)
20
45
20
52
20
60
ns
tRPC
Delay time, RAS high to CAS low (CBR only)
0
0
0
ns
tRSH
Delay time, CAS low to RAS high
15
18
20
ns
tREF
Refresh time interval
16
16
16
ms
tT
Transition time
3
30
3
30
3
30
ns
NOTE 10: The maximum value is specified only to assure access time.
device symbolization (TM124BBK32F illustrated)
TM124BBK32F
-SS
YYMMT
YY = Year Code
MM = Month Code
T = Assembly Site Code
-SS = Speed Code
NOTE: Location of symbolization may vary.


Similar Part No. - TM248CBK32F-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248CBK32F TI-TM248CBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
More results

Similar Description - TM248CBK32F-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI-TM124BBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
logo
Siemens Semiconductor G...
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM321005S SIEMENS-HYM321005S Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com