Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIML-0603-4R7 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIML-0603-4R7
Description  MULTILAYER FERRITE CHIP INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIML-0603-4R7 Datasheet(HTML) 1 Page - Abracon Corporation

  AIML-0603-4R7 Datasheet HTML 1Page - Abracon Corporation AIML-0603-4R7 Datasheet HTML 2Page - Abracon Corporation AIML-0603-4R7 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MULTILAYER FERRITE CHIP INDUCTOR
|||||||||||||| |
AIML-0603
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
1.6 x 0.8 x 0.8mm
RoHS
Compliant
PARAMETERS
ABRACON P/N:
AIML-0603-xxx
Operating temperature:
-55°C to + 125°C
Storage temperature:
-55°C to + 125°C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 01.26.12
Visit www.abracon.com for Terms & Conditions of Sale
Part No.
L(µH)
Tolerance
Q
(min)
Test Freq.
SRF(MHz)
DCR(Ω)
Ir(mA)
(%)
(MHz)
(min)
(max)
(max)
AIML-0603-47N
0.047
J, K
15
50
600
0.20
50
AIML-0603-56N
0.056
J, K
15
50
550
0.30
50
AIML-0603-68N
0.068
J, K
15
50
500
0.30
50
AIML-0603-82N
0.082
J, K
15
50
450
0.30
50
AIML-0603-R10
0.100
J, K
15
25
400
0.50
50
AIML-0603-R12
0.120
J, K
15
25
350
0.50
50
AIML-0603-R15
0.150
J, K
15
25
300
0.60
50
AIML-0603-R18
0.180
J, K
15
25
280
0.60
50
AIML-0603-R22
0.220
J, K
15
25
260
0.80
50
AIML-0603-R27
0.270
J, K
15
25
255
0.80
50
AIML-0603-R33
0.330
J, K
15
25
250
0.85
35
AIML-0603-R39
0.390
J, K
15
25
245
1.00
35
AIML-0603-R47
0.470
J, K
15
25
240
1.35
35
AIML-0603-R56
0.560
J, K
15
25
205
1.55
35
AIML-0603-R68
0.680
J, K
15
25
180
1.70
35
AIML-0603-R82
0.820
J, K
15
25
165
2.10
35
AIML-0603-1R0
1.000
J, K
35
10
125
0.60
25
AIML-0603-1R2
1.200
J, K
35
10
110
0.80
25
AIML-0603-1R5
1.500
J, K
35
10
105
0.80
25
AIML-0603-1R8
1.800
J, K
35
10
95
0.95
25
AIML-0603-2R2
2.200
J, K
35
10
90
1.15
15
AIML-0603-2R7
2.700
J, K
35
10
80
1.35
15
AIML-0603-3R3
3.300
J, K
35
10
70
1.55
15
AIML-0603-3R9
3.900
J, K
35
10
60
1.70
15
AIML-0603-4R7
4.700
J, K
35
10
50
2.10
15
AIML-0603-5R6
5.600
J, K
35
4
45
1.55
5
AIML-0603-6R8
6.800
J, K
35
4
40
1.70
5
AIML-0603-8R2
8.200
J, K
35
4
35
2.10
4
AIML-0603-100
10.000
J, K
35
2
33
2.55
3
AIML-0603-120
12.000
J, K
35
2
22
2.75
3
AIML-0603-150
15.000
J, K
20
1
20
1.70
1
AIML-0603-180
18.000
J, K
20
1
18
1.85
1
AIML-0603-220
22.000
J, K
20
1
15
2.10
1
AIML-0603-270
27.000
J, K
20
1
12
2.75
1
Test Conditions and equipments
L, Q: HP4291 Impedance Analyzer
DCR: HP4263A LCR meter
SRF: HP4291 Impedance analyzer
Ir: HP4291 Impedance Analyzer, DC power HP6632 and Adapter HP16200. ∆L/L (initial) ≥ -5%
Unless otherwise specified
Temperature : Ordinary Temperature (5 to 35ºC)
Humidity : Ordinary Humidity (25 to 85% RH)
• Monolithic structure for higher reliability, compact size, & lightweight
• Magnetically shielded design to eliminate cross coupling
• Excellent solderability and heat resistance for reflow soldering
• Perfect shape for PCB mounting with no polarity
• Resonance circuit, traps and filter circuits
• RF choke for cordless phones and radio equipment
• Communications, video and audio equipment, computer and
remote Control.


Similar Part No. - AIML-0603-4R7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
AIML-0603HC-3R3M ABRACON-AIML-0603HC-3R3M Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
AIML-0603HC-4R7M ABRACON-AIML-0603HC-4R7M Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
More results

Similar Description - AIML-0603-4R7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012_15 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTOR
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
List of Unclassifed Man...
CB05YTYN102 ETC2-CB05YTYN102 Datasheet
141Kb / 8P
   Multilayer Ferrite Chip Bead Inductor
logo
Abracon Corporation
AIML-1008HC ABRACON-AIML-1008HC Datasheet
698Kb / 3P
   Multilayer Ferrite Chip Inductor (High Current)
03.04.14
AIML-0805HC ABRACON-AIML-0805HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Inductor (High Current)
03.04.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com