Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIAP-03-471 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIAP-03-471
Description  Axial Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAP-03-471 Datasheet(HTML) 2 Page - Abracon Corporation

  AIAP-03-471 Datasheet HTML 1Page - Abracon Corporation AIAP-03-471 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AIAP-03
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Visit
www.abracon.com for Terms & Conditions of Sale Revised: 04.15.16
Axial Power Inductor
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
22.9 x ϕ11.4mm
Part No.
L(µH)
Tolerance
DCR(Ω)
IDC(A)
(%)
(max)
(max)
AIAP-03-183
18000
K
15.2
0.210
AIAP-03-223
22000
K
16.8
0.190
AIAP-03-273
27000
K
18.6
0.171
AIAP-03-333
33000
K
26.7
0.155
AIAP-03-393
39000
K
29.0
0.143
AIAP-03-473
47000
K
31.8
0.131
AIAP-03-563
56000
K
42.6
0.119
AIAP-03-683
68000
K
46.9
0.108
AIAP-03-823
82000
K
64.9
0.099
AIAP-03-104
100000
K
71.7
0.098
AIAP-03-124
120000
K
37.0
0.070
Test Conditions and equipments
Test frequency: 1kHz 0.1Vrms
IDC: 10% inductance drops typical
Operating Temperature
-55oC ~ +125 oC
Storage Temperature
-40oC ~ +105 oC
AIAP-03-
Inductance Code
Please refer to the
table above
Tolerance
K: ±10%
PART NUMBER IDENTIFICATION
Dimension: inch/mm
Heat shrink tube UL VW-1
OUTLINE DRAWING:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
Packing (500pcs / bag)
Pb RoHS/RoHS II Compliant


Similar Part No. - AIAP-03-471

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAP-01 ABRACON-AIAP-01 Datasheet
191Kb / 3P
   THRU-HOLE AXIAL CONFORMAL/EPOXY COATED INDUCTORS
AIAP-01-100 ABRACON-AIAP-01-100 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
AIAP-01-101 ABRACON-AIAP-01-101 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
AIAP-01-102 ABRACON-AIAP-01-102 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
AIAP-01-103 ABRACON-AIAP-01-103 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
More results

Similar Description - AIAP-03-471

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
AIAP-02 ABRACON-AIAP-02 Datasheet
2Mb / 2P
   Axial Power Inductor
02.12.12
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com