Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIAP-05-470 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIAP-05-470
Description  Axial Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAP-05-470 Datasheet(HTML) 1 Page - Abracon Corporation

  AIAP-05-470 Datasheet HTML 1Page - Abracon Corporation AIAP-05-470 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AIAP-05
APPLICATIONS:
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Visit
www.abracon.com for Terms & Conditions of Sale Revised: 10.16.12
Axial Power Inductor
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
17.8 x ϕ6.4mm
FEATURES:
Low cost axial leaded inductors
High current rating
Wide inductance range
Covered with UL heat shrink tubing
Power supplies
Switching circuits
TV and audio equipment
Telecommunication devices
RF and other filters
ELECTRICAL SPECIFICATIONS:
Part No.
L(µH)
Tolerance
(K: ±10%)
DCR(Ω) max
Isat (A) max
Irms (A) max
Inductance
Code
AIAP-05-3R9
3.9
K
0.019
3.60
1.280
3R9K
AIAP-05-4R7
4.7
K
0.022
3.30
1.280
4R7K
AIAP-05-5R6
5.6
K
0.024
3.00
1.280
5R6K
AIAP-05-6R8
6.8
K
0.026
2.70
1.280
6R8K
AIAP-05-8R2
8.2
K
0.028
2.50
1.280
8R2K
AIAP-05-100
10
K
0.033
2.30
1.280
100K
AIAP-05-120
12
K
0.037
2.10
1.280
120K
AIAP-05-150
15
K
0.040
1.90
1.280
150K
AIAP-05-180
18
K
0.044
1.70
1.280
180K
AIAP-05-220
22
K
0.050
1.50
1.280
220K
AIAP-05-270
27
K
0.058
1.40
1.280
270K
AIAP-05-330
33
K
0.075
1.30
1.008
330K
AIAP-05-390
39
K
0.094
1.20
0.804
390K
AIAP-05-470
47
K
0.109
1.10
0.804
470K
AIAP-05-560
56
K
0.140
0.97
0.804
560K
AIAP-05-680
68
K
0.145
0.88
0.804
680K
AIAP-05-820
82
K
0.152
0.80
0.804
820K
AIAP-05-101
100
K
0.208
0.73
0.632
101K
AIAP-05-121
120
K
0.283
0.66
0.508
121K
AIAP-05-151
150
K
0.340
0.60
0.508
151K
AIAP-05-181
180
K
0.362
0.54
0.508
181K
AIAP-05-221
220
K
0.430
0.49
0.508
221K
AIAP-05-271
270
K
0.557
0.45
0.400
271K
AIAP-05-331
330
K
0.655
0.40
0.400
331K
AIAP-05-391
390
K
0.772
0.37
0.400
391K
AIAP-05-471
470
K
1.15
0.34
0.315
471K
AIAP-05-561
560
K
1.27
0.31
0.315
561K
AIAP-05-681
680
K
1.61
0.28
0.250
681K
AIAP-05-821
820
K
1.96
0.26
0.200
821K
AIAP-05-105
1000
K
2.30
0.23
0.200
102K
AIAP-05-122
1200
K
2.65
0.21
0.200
122K
AIAP-05-152
1500
K
3.45
0.19
0.158
152K
AIAP-05-182
1800
K
4.03
0.18
0.158
182K
AIAP-05-222
2200
K
4.48
0.16
0.158
222K
AIAP-05-272
2700
K
5.90
0.14
0.125
272K
AIAP-05-332
3300
K
6.56
0.13
0.125
332K
AIAP-05-392
3900
K
8.63
0.12
0.100
392K
AIAP-05-472
4700
K
10.5
0.11
0.100
472K
AIAP-05-562
5600
K
13.9
0.10
0.082
562K
AIAP-05-682
6800
K
16.3
0.09
0.082
682K
AIAP-05-822
8200
K
20.8
0.08
0.065
822K
AIAP-05-105
10000
K
26.4
0.08
0.050
102K
AIAP-05-123
12000
K
29.9
0.07
0.050
123K
AIAP-05-153
15000
K
42.5
0.06
0.039
153K
AIAP-05-183
18000
K
48.3
0.06
0.039
183K
Table #1
Pb RoHS/RoHS II Compliant


Similar Part No. - AIAP-05-470

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAP-01 ABRACON-AIAP-01 Datasheet
191Kb / 3P
   THRU-HOLE AXIAL CONFORMAL/EPOXY COATED INDUCTORS
AIAP-01-100 ABRACON-AIAP-01-100 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
AIAP-01-101 ABRACON-AIAP-01-101 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
AIAP-01-102 ABRACON-AIAP-01-102 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
AIAP-01-103 ABRACON-AIAP-01-103 Datasheet
1Mb / 3P
   Epoxy Coated Power Inductor
03.05.13
More results

Similar Description - AIAP-05-470

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAP-02 ABRACON-AIAP-02 Datasheet
2Mb / 2P
   Axial Power Inductor
02.12.12
AIAP-03 ABRACON-AIAP-03 Datasheet
2Mb / 2P
   Axial Power Inductor
04.15.16
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com