Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIAC-1812-39N Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIAC-1812-39N
Description  SMT Air Coil Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAC-1812-39N Datasheet(HTML) 2 Page - Abracon Corporation

  AIAC-1812-39N Datasheet HTML 1Page - Abracon Corporation AIAC-1812-39N Datasheet HTML 2Page - Abracon Corporation AIAC-1812-39N Datasheet HTML 3Page - Abracon Corporation AIAC-1812-39N Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AIAC-1812
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.24.2016
Visit www.abracon.com for Terms & Conditions of Sale
SMT Air Coil Inductor
OUTLINE DRAWING:
4.7 x 3.5 x 3.5mm
Recommended Land Pattern
A
B
C
D
E
4.7±0.3
3.5±0.2
3.5±0.2
4.3±0.4
1.0±0.3
F
G
H
I
J
2.7
5.2
5.8
2.9
1.5
Dimension: inch (mm)


Similar Part No. - AIAC-1812-39N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAC-1008C ABRACON-AIAC-1008C Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-1008C-10N ABRACON-AIAC-1008C-10N Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-1008C-12N ABRACON-AIAC-1008C-12N Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-1008C-15N ABRACON-AIAC-1008C-15N Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-1008C-18N ABRACON-AIAC-1008C-18N Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
More results

Similar Description - AIAC-1812-39N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAC-1606C ABRACON-AIAC-1606C Datasheet
3Mb / 3P
   SMT Air Coil Inductor
04.14.14
AIAC-0805C ABRACON-AIAC-0805C Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-1008C ABRACON-AIAC-1008C Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
logo
Rhombus Industries Inc.
L-397 RHOMBUS-IND-L-397 Datasheet
19Kb / 1P
   Air Coil
L-398 RHOMBUS-IND-L-398 Datasheet
19Kb / 1P
   Air Coil
logo
XFMRS Inc.
XFTPRH2D18HP-100N XFMRS-XFTPRH2D18HP-100N Datasheet
55Kb / 1P
   SMT INDUCTOR
XFTPRH2D18HP-100N XFMRS-XFTPRH2D18HP-100N Datasheet
55Kb / 1P
   SMT INDUCTOR
XFTPRH2D10-220M XFMRS-XFTPRH2D10-220M Datasheet
34Kb / 1P
   SMT INDUCTOR
XFTPRH2D14NP-100M XFMRS-XFTPRH2D14NP-100M Datasheet
35Kb / 1P
   SMT INDUCTOR
XFTPRH2D10-100M XFMRS-XFTPRH2D10-100M Datasheet
50Kb / 1P
   SMT INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com