Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73201DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73201DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73201DBVT Datasheet HTML 4Page - Texas Instruments TPS73201DBVT Datasheet HTML 5Page - Texas Instruments TPS73201DBVT Datasheet HTML 6Page - Texas Instruments TPS73201DBVT Datasheet HTML 7Page - Texas Instruments TPS73201DBVT Datasheet HTML 8Page - Texas Instruments TPS73201DBVT Datasheet HTML 9Page - Texas Instruments TPS73201DBVT Datasheet HTML 10Page - Texas Instruments TPS73201DBVT Datasheet HTML 11Page - Texas Instruments TPS73201DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
1000
900
800
700
600
500
400
300
200
100
0
0
50
100
150
200
250
IOUT (mA)
V
IN = 5.5V
V
IN = 4V
V
IN = 2V
800
700
600
500
400
300
200
100
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
I
OUT = 250mA
V
IN = 5.5V
V
IN = 4V
V
IN = 2V
500
450
400
350
300
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
OUT (V)
TPS73233
I
CL
I
SC
1
0.1
0.01
−50
−25
0
25
50
75
100
125
Temperature (
_C)
V
ENABLE = 0.5V
V
IN = VOUT + 0.5V
600
550
500
450
400
350
300
250
1.5
2.5
3.0
3.5
4.0
4.5
5.0
2.0
5.5
V
IN (V)
600
550
500
450
400
350
300
250
−50
−25
0
25
50
75
100
125
Temperature (
_C)
TPS73201, TPS73215, TPS73216
TPS73218, TPS73225, TPS73230
TPS73233, TPS73250
SBVS037F – AUGUST 2003 – REVISED SEPTEMBER 2004
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at T
J= 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
GROUND PIN CURRENT vs OUTPUT CURRENT
GROUND PIN CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
CURRENT LIMIT vs VOUT
GROUND PIN CURRENT in SHUTDOWN
(FOLDBACK)
vs TEMPERATURE
Figure 11.
Figure 12.
CURRENT LIMIT vs VIN
CURRENT LIMIT vs TEMPERATURE
Figure 13.
Figure 14.
8


Similar Part No. - TPS73201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201DBVT TI-TPS73201DBVT Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVT TI-TPS73201DBVT Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVT TI1-TPS73201DBVT Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS73201DBVTG4 TI-TPS73201DBVTG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVTG4 TI-TPS73201DBVTG4 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com