Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIAC-1008C-33N Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIAC-1008C-33N
Description  SMT Air Coil Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAC-1008C-33N Datasheet(HTML) 1 Page - Abracon Corporation

  AIAC-1008C-33N Datasheet HTML 1Page - Abracon Corporation AIAC-1008C-33N Datasheet HTML 2Page - Abracon Corporation AIAC-1008C-33N Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 11.20.12
Visit www.abracon.com for Terms & Conditions of Sale
SMT Air Coil Inductor
AIAC-1008C
PARAMETERS
ABRACON P/N:
AIAC-1008C
Operating temperature:
-40 °C ~ +125 °C
Storage temperature:
-25°C to + 60°C
3.20 x 1.90 x 2.20mm
PART IDENTIFICATION:
Test Conditions and equipments
Test frequency: 300MHz
Equipment: HP4286A/HP16191A
• High current design
• Wide Range Frequency Response
• Excellent Q & SRF
• Standard flat cap top suitable for automatic placement.
Part Number
Inductance
Tolerance
DCR (Max)
Q(Min) SRF(Min) Rated Current
(Max)
Inductance
Code
Units
nH
%
MHz
mA
Symbol
L
K
DCR
IDC
AIAC-1008C-6N8
6.8
K
4.0
80
>3000
1200
6N8
AIAC-1008C-8N2
8.2
K
5.0
80
>3000
950
8N2
AIAC-1008C-10N
10
K
6.0
70
>3000
950
10N
AIAC-1008C-12N
12
K
6.5
70
>3000
900
12N
AIAC-1008C-15N
15
K
7.3
70
2500
900
15N
AIAC-1008C-18N
18
K
9.6
70
2500
840
18N
AIAC-1008C-22N
22
K
10.8
70
2400
840
22N
AIAC-1008C-27N
27
K
13.9
70
1600
600
27N
AIAC-1008C-33N
33
K
19.5
70
1600
500
33N
AIAC-1008C-39N
39
K
21.6
70
1500
500
39N
AIAC-1008C-47N
47
K
25.2
70
1500
470
47N
AIAC-1008C-56N
56
K
27.5
70
1300
470
56N
AIAC-1008C-68N
68
K
37.1
70
1300
380
68N
AIAC-1008C-82N
82
K
51.5
70
1000
320
82N
AIAC-1008C-R10
100
K
55.5
70
1000
320
R10
AIAC-1008C-R12
120
K
63.4
70
950
320
R12
AIAC-1008C-
-
Tolerance
K: ±10%
Packaging
T: Tape and Reel
(3kpcs / reel)
Inductance Code
Please refer to the
Electrical Spec Table
Widely used in Cordless Phones, High Frequency Communication
Equipments, Intercom, CATV,RFID
Suitable for metal sensors and proximity sensors
Noise suppression for RF power supply/bias
I/O filtering, frequency selection for audio devices such as Loudspeakers,Hifi
Impedance Matching for transceivers
Improves switch isolation for RF circuit


Similar Part No. - AIAC-1008C-33N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAC-1512 ABRACON-AIAC-1512 Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
AIAC-1512C ABRACON-AIAC-1512C Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
AIAC-1512C-12N5 ABRACON-AIAC-1512C-12N5 Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
AIAC-1512C-18N5 ABRACON-AIAC-1512C-18N5 Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
AIAC-1512C-2N5 ABRACON-AIAC-1512C-2N5 Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
More results

Similar Description - AIAC-1008C-33N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAC-1606C ABRACON-AIAC-1606C Datasheet
3Mb / 3P
   SMT Air Coil Inductor
04.14.14
AIAC-0805C ABRACON-AIAC-0805C Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-1812 ABRACON-AIAC-1812 Datasheet
3Mb / 4P
   SMT Air Coil Inductor
06.24.2016
logo
Rhombus Industries Inc.
L-397 RHOMBUS-IND-L-397 Datasheet
19Kb / 1P
   Air Coil
L-398 RHOMBUS-IND-L-398 Datasheet
19Kb / 1P
   Air Coil
logo
XFMRS Inc.
XFTPRH2D18HP-100N XFMRS-XFTPRH2D18HP-100N Datasheet
55Kb / 1P
   SMT INDUCTOR
XFTPRH2D18HP-100N XFMRS-XFTPRH2D18HP-100N Datasheet
55Kb / 1P
   SMT INDUCTOR
XFTPRH2D10-220M XFMRS-XFTPRH2D10-220M Datasheet
34Kb / 1P
   SMT INDUCTOR
XFTPRH2D14NP-100M XFMRS-XFTPRH2D14NP-100M Datasheet
35Kb / 1P
   SMT INDUCTOR
XFTPRH2D10-100M XFMRS-XFTPRH2D10-100M Datasheet
50Kb / 1P
   SMT INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com