Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFS446.0W02-TD01 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AFS446.0W02-TD01
Description  446MHz THROUGH-HOLE SAW FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS446.0W02-TD01 Datasheet(HTML) 2 Page - Abracon Corporation

  AFS446.0W02-TD01 Datasheet HTML 1Page - Abracon Corporation AFS446.0W02-TD01 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
| | | | | | | | | | | | | | |
AFS446.0W02-TD01
Pb RoHS
Compliant
ISO 9001 / QS 9000
CERTIFIED
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ABRACON IS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 07.27.09
Visit www.abracon.com for Terms & Conditions of Sale
11.3 x 4.8 x 3.5 mm
OUTLINE DIMENTSIONS:
NOTE: Abracon manufactured products are intended for general commercial and industrial use. For applications requiring
high reliability and/or presenting extreme operating environment, written consent & authorization from Abracon is required.
446MHz THROUGH-HOLE SAW FILTER
FREQUENCY CHARACTERISTICS
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
396.0
446.0
496.0
-15
-13
-11
-9
-7
-5
-3
-1
426.0
446.0
466.0
Pin No.
Pin 1
Pin 4
Pin 2, 3
Input
Function
Dimension : mm
Ground
Output


Similar Part No. - AFS446.0W02-TD01

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
AFS4000-3U2P ARTESYN-AFS4000-3U2P Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
Abracon Corporation
AFS403.5W01-TS3 ABRACON-AFS403.5W01-TS3 Datasheet
109Kb / 1P
   SMD 405.500 MHz SAW FILTER
AFS406.1W01-TS31 ABRACON-AFS406.1W01-TS31 Datasheet
199Kb / 3P
   SURFACE MOUNT 406.1 MHz SAW FILTER
1.14.08
AFS418E ABRACON-AFS418E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
More results

Similar Description - AFS446.0W02-TD01

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0381A TAI-SAW-TA0381A Datasheet
614Kb / 5P
   SAW Filter 446MHz SMD 3.8횞3.8mm
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
   Multifunctional Through Hole Through Hole
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com