Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3806NG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3806NG4
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3806NG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC3806NG4 Datasheet HTML 1Page - Texas Instruments UCC3806NG4 Datasheet HTML 2Page - Texas Instruments UCC3806NG4 Datasheet HTML 3Page - Texas Instruments UCC3806NG4 Datasheet HTML 4Page - Texas Instruments UCC3806NG4 Datasheet HTML 5Page - Texas Instruments UCC3806NG4 Datasheet HTML 6Page - Texas Instruments UCC3806NG4 Datasheet HTML 7Page - Texas Instruments UCC3806NG4 Datasheet HTML 8Page - Texas Instruments UCC3806NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
UCC1806
UCC2806
UCC3806
SLUS272F -- FEBRUARY 2000 -- REVISED AUGUST 2006
4
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN =12V,RT =33kΩ,CT = 330 pF, CBYPASS on VREF =0.01 μF, --55°C<TA < 125°C for the UCC1806, --40°C<TA <85°Cfor the
UCC2806, 0°C<TA <70°C for the UCC3806, and TA =TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR (continued)
IDCHG
Discharge current
TJ =25°C,
VCT =2.0 V
2.5
mA
VOL
Low-level output voltage, SYNC
IOUT =1mA
0.4
VOH
High-level output voltage, SYNC
IOUT =--4 mA
2.4
V
VIL
Low-level input voltage, SYNC
VCT =0V,
VRT =VREF
0.8
V
VIH
High-level input voltage, SYNC
VCT =0V,
VRT =VREF
2.0
ISYNC
Input current, SYNC
--1
1
μA
ERROR AMPLIFIER
Input offset voltage
UCC1806
UCC2806
5
mV
Input offset voltage
UCC3806
10
mV
IBIAS
Input bias current
--1
μA
IOFSET
Input offset current
500
nA
CMR
Common mode range(1)
0
VIN--2
V
AVOL
Open loop gain
1V ≤ VOUT ≤ 4V
80
100
dB
GBW
bandwidth
1
MHz
ICOMP_SINK Output sink current
VID <--20 mV,
VCOMP =1V
1
mA
ICOMP_SRC
Output source current
VID <20 mV,
VCOMP =3V
--80
--120
μA
VCOMP_L
Low-level output voltage
VID =--50 mV
0.5
V
VCOMP_H
High-level output voltage
VID =--50 mV
4.5
V
CURRENT SENSE AMPLIFIER
A
Amplifier gain(3)(4)
VCS-- =0V,
VCURLIM =VREF
2.75
3.00
3.35
V/V
Maximum differential input signal (VCS+
-- VCS--)
VCURLIM =VNI =VREF,
VINV =0V
1.1
V
Input offset voltage
UCC1806
UCC2806
VCURLIM =0.5 V,
VCOMP = OPEN
10
30
mV
Input offset voltage
UCC3806
VCURLIM =0.5 V,
VCOMP = OPEN
10
50
mV
CMRR
Common mode rejection ratio
0V ≤ VCM ≤ (VIN -- 3.5 V)
60
dB
PSRR
Power supply rejection ratio
56
dB
IBIAS
Input bias current (3)
VCURLIM =0.5 V,
VCOMP = OPEN
--1
μA
Input offset current (3)
VCURLIM =0.5 V,
VCOMP = OPEN
1
μA
Delay-to-output time (5)
VNI =VREF,
VINV =0V,
VCURLIM =2.75V,
(VCS+ -- VCS--)= 0Vto 1.5Vstep
125
175
ns
CURRENT LIMIT ADJUST
Current limit offset
VCS-- =VCS+ =0V, VCOMP = OPEN
0.4
0.5
0.6
V
IBIAS
Input bias current
1
Minimum latching current
300
200
μA
Maximum non-latching current
200
80
μA
(1)
Line range = 10 V to 15 V, load range = 0.2 mA to 5 mA
(2)
Ensured by design. Not production tested.


Similar Part No. - UCC3806NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3806NG4 TI1-UCC3806NG4 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC3806NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com