Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABBTM-NVC-MDCS71-MESH Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABBTM-NVC-MDCS71-MESH
Description  Low Power Bluetooth Module (supporting CSRmesh)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-NVC-MDCS71-MESH Datasheet(HTML) 3 Page - Abracon Corporation

  ABBTM-NVC-MDCS71-MESH Datasheet HTML 1Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 2Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 3Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 4Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 5Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 6Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 7Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 8Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low Power Bluetooth Module (supporting CSRmesh) (supporting CSRmesh) (supporting CSRmesh)
Low Power Bluetooth Module (supporting CSRmesh)
Pb
ABRACON IS
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
| | | | | | | | | | | | | | |
RoHS/RoHS II compliant
19.5 x 12.5 x 2.4 mm SMT
ELECTRICAL CHARACTERISTICS
Absolute Maximum Rating
* Short-term operation up to a maximum of 10% of product lifetime is permissible without damage, but output regulation and
other specifications are not guaranteed in excess of 4.2V.
Recommended Operating Conditions
Operating Condition
Min
Typ
Max
Unit
Operating Temperature Range
-30
+85
°C
Battery (VDD_BAT) operation
1.8
+3.6
V
I/O Supply Voltage (VDD_PIO)
1.2
+3.6
V
Power Consumptions
The current consumption are measured at the VDD_BAT.
Mode
Description
Total typical current at
3V (average)
Dormant
All functions are shutdown. To wake up toggle
the WAKE pin
<600nA
Hibernate
All functions are shutdown except for the sleep
clock. The module can wake up on a timer on the
sleep clock.
<1.5uA
Fast Advertising
In 30 second after Power on VDD=3.3V
0.8mA
Slow Advertising
In 3 minutes after fast advertising VDD=3.3V
6uA
Standby (no connect)
VDD=3.3V ,VDD_PIO=3.3v
5uA
Standby (connect)
VDD=3.3V ,VDD_PIO=3.3v
8uA
Transmit data
VDD=3.3V VDD_PIO=3.3V
1mA
RF RX /TX active (0dBm) *
VDD=3.3V VDD_PIO=3.3V
~16mA peak
* Note: The TX power of the module can be increased by firmware to a maximum of 4dBm and the peak current is around
28mA.
Rating
Min
Max
Unit
Storage Temperature
-40
+85
°C
Battery (VDD_BAT) operation*
1.8
3.6
V
I/O supply voltage
-0.4
+3.6
V
Other Terminal Voltages except RF
Vss-0.4
VDD+0.4
V
ABBTM-NVC-MDCS71-MESH
RoHS
ABBTM- NVC-MDCS71-MESH
FCC ID: OC3BM1871
DC: 1508
LLC
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ABBTM-NVC-MDCS71-MESH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABBTM-NVC-MDCS71 ABRACON-ABBTM-NVC-MDCS71 Datasheet
6Mb / 10P
   Low Power Bluetooth Module
06.29.15
More results

Similar Description - ABBTM-NVC-MDCS71-MESH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABBTM-NVC-MDCS71 ABRACON-ABBTM-NVC-MDCS71 Datasheet
6Mb / 10P
   Low Power Bluetooth Module
06.29.15
logo
Panasonic Semiconductor
PAN1721 PANASONIC-PAN1721 Datasheet
693Kb / 2P
   ULTRA LOW POWER, BLUETOOTH LOW ENERGY MODULE
logo
List of Unclassifed Man...
F2M03GLA ETC2-F2M03GLA Datasheet
914Kb / 44P
   Low power Bluetooth??Module with antenna
logo
LAPIS Semiconductor Co....
ML7125-001 LAPIS-ML7125-001 Datasheet
1Mb / 33P
   Bluetooth Smart LSI supporting Core Specification
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Skyworks Solutions Inc.
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
   Low-Power Bluetooth Low Energy Front-End Module
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
logo
Panasonic Semiconductor
PAN1720 PANASONIC-PAN1720 Datasheet
1Mb / 39P
   Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com