Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27201ADRCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27201ADRCT
Description  120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27201ADRCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27201ADRCT Datasheet HTML 5Page - Texas Instruments UCC27201ADRCT Datasheet HTML 6Page - Texas Instruments UCC27201ADRCT Datasheet HTML 7Page - Texas Instruments UCC27201ADRCT Datasheet HTML 8Page - Texas Instruments UCC27201ADRCT Datasheet HTML 9Page - Texas Instruments UCC27201ADRCT Datasheet HTML 10Page - Texas Instruments UCC27201ADRCT Datasheet HTML 11Page - Texas Instruments UCC27201ADRCT Datasheet HTML 12Page - Texas Instruments UCC27201ADRCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
1.0
1.4
1.6
1.8
2.0
1.2
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
Rising
Falling
VDD = 12 V
40
42
44
46
48
50
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
Rising
Falling
VDD = 12 V
40
42
44
46
48
50
Rising
Falling
8
10
12
16
20
V
DD - Supply Voltage - V
14
18
T = 25oC
8
10
12
16
20
V
DD - Supply Voltage - V
1.0
1.2
1.4
1.6
1.8
2.0
14
18
Rising
Falling
T = 25oC
10
1000
Frequency - kHz
0.1
10.0
100
1.0
-40oC
25oC
150oC
125oC
HB = 12 V
No Load on Outputs
10
1000
Frequency - kHz
0.001
1.0
100
0.01
-40oC
25oC
150oC
125oC
HB = 12 V
No Load on Outputs
0.1
UCC27200A, UCC27201A
www.ti.com
SLUSAF9B – FEBRUARY 2011 – REVISED JULY 2015
Typical Characteristics (continued)
Figure 4. Boot Voltage Operating Current vs Frequency
Figure 5. HB to VSS Operating Current vs Frequency
Figure 7. UCC27201A Input Threshold vs Supply Voltage
Figure 6. UCC27200A Input Threshold vs Supply Voltage
Figure 8. UCC27200A Input Threshold vs Temperature
Figure 9. UCC27201A Input Threshold vs Temperature
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC27200A UCC27201A


Similar Part No. - UCC27201ADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201ADRCT TI1-UCC27201ADRCT Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201ADRCT TI1-UCC27201ADRCT Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results

Similar Description - UCC27201ADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com