Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28716 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC28716
Description  Constant-Voltage, Constant-Current Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28716 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28716 Datasheet HTML 3Page - Texas Instruments UCC28716 Datasheet HTML 4Page - Texas Instruments UCC28716 Datasheet HTML 5Page - Texas Instruments UCC28716 Datasheet HTML 6Page - Texas Instruments UCC28716 Datasheet HTML 7Page - Texas Instruments UCC28716 Datasheet HTML 8Page - Texas Instruments UCC28716 Datasheet HTML 9Page - Texas Instruments UCC28716 Datasheet HTML 10Page - Texas Instruments UCC28716 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
170
175
180
185
190
195
200
205
210
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C005
310
315
320
325
330
335
340
345
350
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C006
3.94
3.96
3.98
4
4.02
4.04
4.06
4.08
4.1
4.12
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C003
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C004
I
VSLRUN
I
VSLSTOP
0.0001
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
VDD - Bias Supply Voltage (V)
C001
Run State
VDD Turn-Off
Wait State
VDD Turn-On
Start State
/\
\/
0.0001
0.001
0.01
0.1
1
10
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C002
I
RUN, VDD = 25V
I
WAIT, VDD = 25V
I
START, VDD = 18V
UCC28710, UCC28711, UCC28712, UCC28713, UCC28714, UCC28715, UCC28716
www.ti.com
SLUSB86B – NOVEMBER 2012 – REVISED JULY 2015
7.6 Typical Characteristics
VDD = 25 V, unless otherwise noted.
Figure 1. Bias Supply Current vs. Bias Supply Voltage
Figure 2. Bias Supply Current vs. Temperature
Figure 3. VS Regulation Voltage vs. Temperature
Figure 4. VS Line Sense Current vs. Temperature
Figure 5. Minimum CS Threshold vs. Temperature
Figure 6. Constant Current Regulating Level vs.
Temperature
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC28710 UCC28711 UCC28712 UCC28713 UCC28714 UCC28715 UCC28716


Similar Part No. - UCC28716

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710D TI-UCC28710D Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710DR TI-UCC28710DR Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28716

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCS1002A ONSEMI-NCS1002A Datasheet
101Kb / 9P
   Constant Voltage / Constant Current SecondarySide Controller
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com