Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28521 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28521
Description  ADVANCED PFC/PWM COMBINATION CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28521 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28521_16 Datasheet HTML 1Page - Texas Instruments UCC28521_16 Datasheet HTML 2Page - Texas Instruments UCC28521_16 Datasheet HTML 3Page - Texas Instruments UCC28521_16 Datasheet HTML 4Page - Texas Instruments UCC28521_16 Datasheet HTML 5Page - Texas Instruments UCC28521_16 Datasheet HTML 6Page - Texas Instruments UCC28521_16 Datasheet HTML 7Page - Texas Instruments UCC28521_16 Datasheet HTML 8Page - Texas Instruments UCC28521_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
UCC28521, UCC28528
SLUS608D − JANUARY 2005 REVISED NOVEMBER 2005
4
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = –40°C to 105°C for the UCC2851x, TA = TJ, VCC = 12 V, RT = 156 kΩ, RCT_BUFF = 10 kΩ
(unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply current, off
VCC turn-on threshold −300 mV
100
150
µA
Supply current, on
no load on GT1 or GT2
4
6
mA
undervoltage lockout (UVLO)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC turn-on threshold
UCC28521
9.7
10.2
10.8
VCC turn-off threshold
UCC28521
9.1
9.7
10.6
V
UVLO hysteresis
UCC28521
0.3
0.5
0.8
V
voltage amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
25
°C
7.39
7.50
7.61
V
Input voltage
Over temperature
7.35
7.50
7.65
V
VSENSE bias current
VSENSE = VREF
100
300
nA
Open loop gain
2 V
≤ VAOUT ≤ 4 V
50
60
dB
High-level output voltage
ILOAD = –150 µA
5.3
5.5
5.6
V
Low-level output voltage
ILOAD = 150 µA
0.00
0.05
0.15
V
gM conductance
IVAOUT = −20 µA to 20 µA
70
100
130
µS
Maximum source current
−1
−3.5
mA
Maximum sink current
1
3.5
mA
PFC stage overvoltage protection and enable
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Overvoltage reference window
VREF
+ 0.440
VREF
+ 0.490
VREF
+ 0.540
V
Hysteresis
300
500
600
mV
Enable threshold
1.7
1.9
2.1
V
Enable hysteresis
0.08
0.2
0.3
V


Similar Part No. - UCC28521_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28521 TI-UCC28521_15 Datasheet
528Kb / 33P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
More results

Similar Description - UCC28521_16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510 TI1-UCC28510_13 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com