Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27322MDEP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27322MDEP
Description  SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27322MDEP Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27322MDEP Datasheet HTML 5Page - Texas Instruments UCC27322MDEP Datasheet HTML 6Page - Texas Instruments UCC27322MDEP Datasheet HTML 7Page - Texas Instruments UCC27322MDEP Datasheet HTML 8Page - Texas Instruments UCC27322MDEP Datasheet HTML 9Page - Texas Instruments UCC27322MDEP Datasheet HTML 10Page - Texas Instruments UCC27322MDEP Datasheet HTML 11Page - Texas Instruments UCC27322MDEP Datasheet HTML 12Page - Texas Instruments UCC27322MDEP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PROPAGATION TIMES
vs
PEAK INPUT VOLTAGE
tD2
VIN(peak) − Peak Input Voltage − V
30
40
45
25
50
35
0
10
15
20
5
15
0
10
5
tRISE
tFALL
tD1
VDD = 15 V
CLOAD = 10 nF
TA = 25°C
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
−55
−25
5
35
65
95
125
Temperature (°C)
VDD = 4.5 V
VDD = 10 V
VDD = 15 V
INPUT THRESHOLD
vs
TEMPERATURE
10
30
40
60
70
0
1
10
100
20
50
tD1 DELAY TIME
vs
LOAD CAPACITANCE
CLOAD − Load Capacitance − nF
VDD = 5 V
VDD = 15 V
VDD = 10 V
70
10
100
10
30
40
60
0
1
20
50
tD2 DELAY TIME
vs
LOAD CAPACITANCE
CLOAD − Load Capacitance − nF
VDD = 15 V
VDD = 5 V
VDD = 10 V
UCC27322-EP
www.ti.com
SLUSAA1C – SEPTEMBER 2010 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
Figure 12.
Figure 13.
Figure 14.
Figure 15.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - UCC27322MDEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322 TI-UCC27322 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27322 TI-UCC27322 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322 TI1-UCC27322 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27322MDEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com