Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2813-1-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2813-1-Q1
Description  LOW-POWER BIC MOS CURRENT-MODE PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2813-1-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2813-1-Q1 Datasheet HTML 1Page - Texas Instruments UCC2813-1-Q1 Datasheet HTML 2Page - Texas Instruments UCC2813-1-Q1 Datasheet HTML 3Page - Texas Instruments UCC2813-1-Q1 Datasheet HTML 4Page - Texas Instruments UCC2813-1-Q1 Datasheet HTML 5Page - Texas Instruments UCC2813-1-Q1 Datasheet HTML 6Page - Texas Instruments UCC2813-1-Q1 Datasheet HTML 7Page - Texas Instruments UCC2813-1-Q1 Datasheet HTML 8Page - Texas Instruments UCC2813-1-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
UCC28130/1/2/3/4/5Q1
LOW POWER BICMOS CURRENT MODE PWM
SGLS245D − MAY 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 200 V Using
Machine Model (C = 200 pF, R = 0)
D 100-µA Typical Starting Supply Current
D 500-µA Typical Operating Supply Current
D Operation to 1 MHz
D Internal Soft Start
D Internal Fault Soft Start
D Internal Leading-Edge Blanking of the
Current Sense Signal
D 1-A Totem-Pole Output
D 70-ns Typical Response From
Current-Sense to Gate Drive Output
D 1.5% Tolerance Voltage Reference
D Same Pinout as UC3802, UC3842, and
UC3842A
description
The UCC2813-0/-1/-2/-3/-4/-5 family of high-speed low-power integrated circuits contain all of the control and
drive components required for off-line and dc-to-dc fixed-frequency current-mode switching power supplies with
minimal parts count.
These devices have the same pin configuration as the UC2842/3/4/5 family and also offer the added features
of internal full-cycle soft start and internal leading-edge blanking of the current-sense input.
The UCC2813-0/-1/-2/-3/-4/-5 family offers choice of maximum duty cycle and critical voltage levels. Lower
reference parts, such as the UCC2813-3 and UCC2813-5, fit best into battery-operated systems, while the
higher reference and the higher undervoltage lockout (UVLO) hysteresis of the UCC2813-2 and UCC2813-4
make these ideal choices for use in off-line power supplies.
The UCC2813-x series is specified for the automotive temperature range of −40
_C to 125_C.
PART NUMBER
MAXIMUM DUTY CYCLE
REFERENCE VOLTAGE
TURN-ON THRESHOLD
TURN-OFF THRESHOLD
UCC2813-0
100%
5 V
7.2 V
6.9 V
UCC2813-1
50%
5 V
9.4 V
7.4 V
UCC2813-2
100%
5 V
12.5 V
8.3 V
UCC2813-3
100%
4 V
4.1 V
3.6 V
UCC2813-4
50%
5 V
12.5 V
8.3 V
UCC2813-5
50%
4 V
4.1 V
3.6 V
Copyright
 2008 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - UCC2813-1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2813-1 TI-UCC2813-1 Datasheet
215Kb / 8P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
logo
List of Unclassifed Man...
UCC2813-1 ETC-UCC2813-1 Datasheet
196Kb / 8P
   Low Power Economy BiCMOS Current Mode PWM
logo
Texas Instruments
UCC2813-1 TI1-UCC2813-1 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
More results

Similar Description - UCC2813-1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800 TI1-UCC2800_15 Datasheet
928Kb / 17P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com