Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27200DG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC27200DG4
Description  120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200DG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27200DG4 Datasheet HTML 6Page - Texas Instruments UCC27200DG4 Datasheet HTML 7Page - Texas Instruments UCC27200DG4 Datasheet HTML 8Page - Texas Instruments UCC27200DG4 Datasheet HTML 9Page - Texas Instruments UCC27200DG4 Datasheet HTML 10Page - Texas Instruments UCC27200DG4 Datasheet HTML 11Page - Texas Instruments UCC27200DG4 Datasheet HTML 12Page - Texas Instruments UCC27200DG4 Datasheet HTML 13Page - Texas Instruments UCC27200DG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
-50
-25
0
75
125
150
T
A - Temperature -
o
C
0
7
25
50
100
1
2
3
4
5
6
V
DD = VHB = 12 V
UCC27200TMON
UCC27200TMOFF
UCC27201TMOFF
UCC27201TMON
0
4
6
10
V
LO, VHO - Output Voltage - V
0
1.5
2.0
3.5
8
12
0.5
1.0
2.5
3.0
V
DD = VHB = 12 V
Pull-Down Current
Pull-Up Current
2
8
10
12
16
20
V
DD = VHB - Supply Voltage - V
16
18
20
22
24
26
14
18
LI Rising
LI Falling
T = 25oC
HI Rising
HI Falling
8
10
16
18
20
V
DD = VHB - Supply Voltage - V
18
20
26
12
14
22
24
T = 25oC
LI Rising
LI Falling
HI Rising
HI Falling
-50
-25
0
25
100
125
14
18
22
26
32
36
50
75
150
16
20
24
30
34
T
A - Temperature -
o
C
28
TDLFF
TDLRR
TDHFF
TDHRR
V
DD = VHD = 12 V
14
18
22
26
30
36
16
20
24
28
34
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
32
TDLFF
TDLRR
TDHFF
TDHRR
V
DD = VHB = 12 V
10
UCC27200, UCC27201
SLUS746C – DECEMBER 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: UCC27200 UCC27201
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 14. UCC27200 Propagation Delays vs Temperature
Figure 15. UCC27201 Propagation Delays vs Temperature
Figure 16. UCC27200 Propagation Delay vs Supply Voltage
Figure 17. UCC27201 Propagation Delay vs Supply Voltage
Figure 18. Delay Matching vs Temperature
Figure 19. Output Current vs Output Voltage


Similar Part No. - UCC27200DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200D TI-UCC27200D Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200D TI-UCC27200D Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200D TI1-UCC27200D Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DDA TI-UCC27200DDA Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DDA TI-UCC27200DDA Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results

Similar Description - UCC27200DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com