Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27200DDAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27200DDAR
Description  120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200DDAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27200DDAR Datasheet HTML 2Page - Texas Instruments UCC27200DDAR Datasheet HTML 3Page - Texas Instruments UCC27200DDAR Datasheet HTML 4Page - Texas Instruments UCC27200DDAR Datasheet HTML 5Page - Texas Instruments UCC27200DDAR Datasheet HTML 6Page - Texas Instruments UCC27200DDAR Datasheet HTML 7Page - Texas Instruments UCC27200DDAR Datasheet HTML 8Page - Texas Instruments UCC27200DDAR Datasheet HTML 9Page - Texas Instruments UCC27200DDAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
UCC27200, UCC27201
SLUS746C – DECEMBER 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: UCC27200 UCC27201
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range, VDD = VHB = 12 V, VHS = VSS = 0 V, No load on LO or HO, TA = TJ = –40°C to
140°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Typical values for TA = 25°C
(2)
IF: Forward current applied to bootstrap diode, IREV: Reverse current applied to bootstrap diode.
BOOTSTRAP DIODE
VF
Low-current forward voltage
I VDD – HB = 100 μA
0.65
0.85
V
VFI
High-current forward voltage
I VDD – HB = 100 mA
0.85
1.1
RD
Dynamic resistance,
ΔVF / ΔI
I VDD – HB = 100 mA and 80 mA
0.6
1
LO GATE DRIVER
VLOL
Low-level output voltage
ILO = 100 mA
0.18
0.4
V
VLOH
High-level output voltage
ILO = –100 mA,
VLOH = VDD – VLO
TJ = –40 to 125°C
0.25
0.4
TJ = –40 to 140°C
0.25
0.42
Peak pullup current
VLO = 0 V
3
A
Peak pulldown current
VLO = 12 V
3
HO GATE DRIVER
VHOL
Low-level output voltage
IHO = 100 mA
0.18
0.4
V
VHOH
High-level output voltage
IHO = –100 mA,
VHOH = VHB – VHO
TJ = –40 to 125°C
0.25
0.4
TJ = –40 to 140°C
0.25
0.42
Peak pullup current
VHO = 0 V
3
A
Peak pulldown current
VHO = 12 V
3
PROPAGATION DELAYS
TDLFF
VLI falling to VLO falling
CLOAD = 0
TJ = –40 to 125°C
20
45
ns
TJ = –40 to 140°C
20
50
TDHFF
VHI falling to VHO falling
CLOAD = 0
TJ = –40 to 125°C
20
45
TJ = –40 to 140°C
20
50
TDLRR
VLI rising to VLO rising
CLOAD = 0
TJ = –40 to 125°C
20
45
TJ = –40 to 140°C
20
50
TDHRR
VHI rising to VHO rising
CLOAD = 0
TJ = –40 to 125°C
20
45
TJ = –40 to 140°C
20
50
DELAY MATCHING
TMON
LI ON, HI OFF
1
7
ns
TMOFF
LI OFF, HI ON
1
7
OUTPUT RISE AND FALL TIME
tR
LO, HO
CLOAD = 1000 pF
8
ns
tF
LO, HO
CLOAD = 1000 pF
7
tR
LO, HO (3 V to 9 V)
CLOAD = 0.1 μF
0.35
0.6
us
tF
LO, HO (3 V to 9 V)
CLOAD = 0.1 μF
0.3
0.6
MISCELLANEOUS
Minimum input pulse width that
changes the output
50
ns
Bootstrap diode turn-off time
IF = 20 mA, IREV = 0.5 A
(1) (2)
20


Similar Part No. - UCC27200DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200DDAR TI-UCC27200DDAR Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results

Similar Description - UCC27200DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com