Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21520ADWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21520ADWR
Description  Isolated Dual-Channel Gate Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21520ADWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC21520ADWR Datasheet HTML 3Page - Texas Instruments UCC21520ADWR Datasheet HTML 4Page - Texas Instruments UCC21520ADWR Datasheet HTML 5Page - Texas Instruments UCC21520ADWR Datasheet HTML 6Page - Texas Instruments UCC21520ADWR Datasheet HTML 7Page - Texas Instruments UCC21520ADWR Datasheet HTML 8Page - Texas Instruments UCC21520ADWR Datasheet HTML 9Page - Texas Instruments UCC21520ADWR Datasheet HTML 10Page - Texas Instruments UCC21520ADWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
UCC21520
www.ti.com
SLUSCJ9A – JUNE 2016 – REVISED JUNE 2016
Product Folder Links: UCC21520
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
Certified according to
DIN VDE V 0884-10
(VDE V 0884-10):2006-
12 and DIN EN 60950-1
(VDE 0805 Teil 1):2011-
01
Approved under CSA Component
Acceptance Notice 5A, IEC 60950-1 and
IEC 60601-1
Certified according to UL
1577 Component
Recognition Program
Certified according to GB 4943.1-
2011
Reinforced Insulation
Maximum Transient
Isolation voltage, 8000
VPK; Maximum Repetitive
Peak Isolation Voltage,
2121 VPK; Maximum
Surge Isolation Voltage,
8000 VPK
Reinforced insulation per CSA 60950-1-
07+A1+A2 and IEC 60950-1 2nd Ed.
Single protection, 5700 VRMS
Reinforced Insulation,
Altitude
≤ 5000 m,
Tropical Climate
Agency Qualification
Planned
Agency Qualification Planned
File number: E181974
Agency Qualification Planned
6.8 Safety-Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
SIDE
MIN
TYP
MAX
UNIT
IS
Safety output supply
current
RθJA = 78.1ºC/W, VDDA/B = 12 V, TA =
25°C, TJ = 150°C
See Figure 2
DRIVER A,
DRIVER B
64
mA
RθJA = 78.1ºC/W, VDDA/B = 25 V, TA =
25°C, TJ = 150°C
DRIVER A,
DRIVER B
31
mA
PS
Safety supply power
RθJA = 78.1ºC/W, TA = 25°C, TJ = 150°C
See Figure 3
INPUT
50
mW
DRIVER A
775
DRIVER B
775
TOTAL
1600
TS
Safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that
of a device installed on a High-K test board for leaded surface mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.


Similar Part No. - UCC21520ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520A-Q1 TI1-UCC21520A-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520AQDWQ1 TI1-UCC21520AQDWQ1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520AQDWRQ1 TI1-UCC21520AQDWRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21520ADWR

ManufacturerPart #DatasheetDescription
logo
SHENZHEN BASIC SEMICOND...
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
   Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
   Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
REV. C
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
   Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
   Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
   Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
   Isolated Gate Driver
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
   Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCP51560 ONSEMI-NCP51560 Datasheet
3Mb / 30P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com