Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3585N Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3585N
Description  LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3585N Datasheet(HTML) 5 Page - Texas Instruments

  UCC3585N Datasheet HTML 1Page - Texas Instruments UCC3585N Datasheet HTML 2Page - Texas Instruments UCC3585N Datasheet HTML 3Page - Texas Instruments UCC3585N Datasheet HTML 4Page - Texas Instruments UCC3585N Datasheet HTML 5Page - Texas Instruments UCC3585N Datasheet HTML 6Page - Texas Instruments UCC3585N Datasheet HTML 7Page - Texas Instruments UCC3585N Datasheet HTML 8Page - Texas Instruments UCC3585N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
UCC2585
UCC3585
SLUS304F − JULY 1999 − REVISED JANUARY 2005
5
www.ti.com
pin descriptions
CT: A high quality ceramic capacitor connected between this pin and ground sets the PWM oscillator frequency
by the following relationship:
f
+
1
7000
C
T
The oscillator is capable of reliable operation up to 500 kHz.
ENB: A logical 1 (VIN – 0.5 V) on this input will activate the output drivers. A logical zero (0.5 V) will prevent
switching of the output drivers. Do not allow ENB to remain between these levels steady state.
GND: Reference level for the IC. All voltages and currents are with respect to GND.
ISENSE: ISENSE monitors the voltage dropped across the high side P-channel MOSFET switch while it is
conducting. This information is used to detect overcurrent conditions by the current limit circuitry.
ISET: A resistor is connected between ISET and ground to program a precision bias for many of the UCC3585
circuit blocks. This resistor should be 100 k
Ω with a maximum tolerance of 5%. 1.25 V is provided to ISET via
a buffered version of the internal bandgap voltage reference. The resulting current, 1.25 V / RISET, is mirrored
directly over to CLSET to program the overcurrent threshold.
NDRV: High current driver output for the low side N-channel MOSFET switch.
PDRV: High current driver output for the high side P-channel MOSFET switch.
PWRGND: High current return path for the MOSFET drivers. PWRGND and GND should be terminated
together as close as possible to the device package .
SD: This pin can configure current limit to operate in any one of three different ways.
1.
A forced voltage of less than 250 mV on SD inhibits the shutdown function causing pulse by pulse limiting.
2.
A capacitor from SD to GND provides a controller-converter shutdown timeout after seven consecutive
overcurrent signals are received by the current limit circuitry. An internal 11-
µA (typ) current sink
discharges the SD capacitor to the 0.55-V (typ) restart threshold. The shutdown time is given by:
t
SHUT +
C
SD
V
IN *
0.55 V
11
mA
where CSD is the value of the capacitor from SD to GND, and VIN is the chip supply voltage (on pin 15).
At this point, a softstart cycle is initiated, and a 1-mA current source (typ) quickly recharges SD to VIN.
During softstart, pulse-by-pulse current limiting is enabled, and the 7-cycle counter is disabled until
softstart is complete (i.e. charged to approximately VIN volts).
3.
A forced voltage of greater than 1 V on SD will cause the UCC3585 to latch off after seven overcurrent
signals are received. After the controller is latched off, SD must drop below 250 mV to restart the
controller.
SS: A low leakage capacitor connected between SS and GND will provide a softstart function for the converter.
The voltage on this capacitor slowly charges on start-up via an internal 13.5
µA (typ.) current source. The output
of the voltage error amplifier (COMP) tracks this voltage, thereby limiting the controller duty ratio.
VFB: Inverting input to the voltage type error amplifier. The common mode input range for VFB extends from
GND to 1.5 V.
VIN: Supply voltage for the UCC3585. Bypass with a 0.1-
µF ceramic capacitor (minimum) to supply the peak
gate drive currents required to change and discharge the power MOSFET gates. See application information
for details.
UCC3585 Not Recommended for New Designs


Similar Part No. - UCC3585N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3585 TI-UCC3585 Datasheet
140Kb / 10P
[Old version datasheet]   Low Voltage Synchronous Buck Controller
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - UCC3585N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com