Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6500TT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA6500TT
Description  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6500TT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA6500TT Datasheet HTML 3Page - NXP Semiconductors TDA6500TT Datasheet HTML 4Page - NXP Semiconductors TDA6500TT Datasheet HTML 5Page - NXP Semiconductors TDA6500TT Datasheet HTML 6Page - NXP Semiconductors TDA6500TT Datasheet HTML 7Page - NXP Semiconductors TDA6500TT Datasheet HTML 8Page - NXP Semiconductors TDA6500TT Datasheet HTML 9Page - NXP Semiconductors TDA6500TT Datasheet HTML 10Page - NXP Semiconductors TDA6500TT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
2003 Jun 05
7
Philips Semiconductors
Product specification
5 V mixer/oscillator and synthesizer
for PAL and NTSC standards
TDA6500TT; TDA6501TT
handbook, halfpage
TDA6500TT
FCE830
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LOSCIN
LOSCOUT
OSCGND
MOSCOUT
MOSCIN
HOSCIN1
HOSCOUT2
HOSCOUT1
HOSCIN2
VCC
IFGND
IFOUT
PLLGND
XTAL
VT
CP
MHBIN2
MHBIN1
LBIN
RFGND
IFFIL2
IFFIL1
P2
AGC
P1
P0
P3
AS
SCL
SDA
P6/ADC
P4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Fig.2 Pin configuration TDA6500TT.
handbook, halfpage
TDA6501TT
FCE906
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LOSCIN
LOSCOUT
OSCGND
MOSCOUT
MOSCIN
HOSCIN1
HOSCOUT2
HOSCOUT1
HOSCIN2
VCC
IFGND
IFOUT
PLLGND
XTAL
VT
CP
MHBIN2
MHBIN1
LBIN
RFGND
IFFIL2
IFFIL1
P2
AGC
P1
P0
P3
AS
SCL
SDA
P6/ADC
P4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Fig.3 Pin configuration TDA6501TT.
7
FUNCTIONAL DESCRIPTION
The device is controlled via the I2C-bus. For programming,
a module address of 7 bits and the R/W bit for selecting the
read or the write mode is required.
7.1
Write mode
Data bytes can be sent to the device after the address
transmission (first byte). Seven data bytes are needed to
fully program the device. The bus transceiver has an
auto-increment facility, which permits the programming of
the device within one single transmission (address + 6
data bytes).
The device can also be partially programmed providing
that the first data byte following the address is the first
divider byte DB1 or the control byte CB. The data bytes
are defined in Tables 2 and 3.
The first bit of the first data byte indicates whether
frequency data (first bit = 0) or control, port and auxiliary
data (first bit = 1) will follow. Until an I2C-bus STOP
command is sent by the controller, additional data bytes
can be entered without the need to re-address the device.
The frequency register is loaded after the 8th clock pulse
of the second divider byte DB2, the control register is
loaded after the 8th clock pulse of the control byte CB, the
band switch register is loaded after the 8th clock pulse of
the band switch byte BB and the auxiliary register is
loaded after the 8th clock pulse of the auxiliary byte AB.
To program the AGC take-over point setting and the AGC
current to a different value than the default value, an
additional byte, the auxiliary byte, has to be sent. To this
end, the auxiliary byte is preceded by a control byte with
the test bits T2, T1 and T0 set to 011 (see Table 5).


Similar Part No. - TDA6500TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
More results

Similar Description - TDA6500TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com