Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2580-4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2580-4
Description  Single Ended Active Clamp/Reset PWM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2580-4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2580-4 Datasheet HTML 1Page - Texas Instruments UCC2580-4 Datasheet HTML 2Page - Texas Instruments UCC2580-4 Datasheet HTML 3Page - Texas Instruments UCC2580-4 Datasheet HTML 4Page - Texas Instruments UCC2580-4 Datasheet HTML 5Page - Texas Instruments UCC2580-4 Datasheet HTML 6Page - Texas Instruments UCC2580-4 Datasheet HTML 7Page - Texas Instruments UCC2580-4 Datasheet HTML 8Page - Texas Instruments UCC2580-4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
UCC1580-1,-2,-3,-4
UCC2580-1,-2,-3,-4
UCC3580-1,-2,-3,-4
UVLO and Startup
For self biased off-line applications, -2 and -4 versions
(UVLO on and off thresholds of 15V and 8.5V typical)
are recommended. For all other applications, -1 and -3
versions provide the lower on threshold of 9V. The IC re-
quires a low startup current of only 160
mA when VDD is
under the UVLO threshold, enabling use of a large trickle
charge resistor (with corresponding low power dissipa-
tion) from the input voltage. VDD has an internal clamp
at 15V which can sink up to 10mA. Measures should be
taken not to exceed this current. For -2 and -4 versions,
this clamp must be activated as an indication of reaching
the UVLO on threshold. The internal reference (REF) is
brought up when the UVLO on threshold is crossed. The
startup logic ensures that LINE and REF are above and
SHTDWN is
below their respective thresholds before
outputs are asserted. LINE input is useful for monitoring
actual input voltage and shutting off the IC if it falls be-
low a programmed value. A resistive divider should be
used to connect the input voltage to the LINE input. This
feature can protect the power supply from excessive
currents at low line voltages.
Figure 1. Output time relationships.
APPLICATION INFORMATION
UDG-95070-2
Note: Waveforms are not to scale.
SS: A capacitor from SS to ground programs the soft
start time. During soft start, EAOUT follows the amplitude
of SS’s slowly increasing waveform until regulation is
achieved.
VDD: Chip power supply pin. VDD should be bypassed
to PGND. The –1 and –3 versions require VDD to ex-
ceed 9V to start and remain above 8.5V to continue run-
ning. A shunt clamp from VDD to GND limits the supply
voltage to 15V. The –2 and –4 versions do not start until
PIN DESCRIPTIONS (cont.)


Similar Part No. - UCC2580-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2580-4 TI-UCC2580-4 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC2580-4 TI1-UCC2580-4 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - UCC2580-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
International Rectifier
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com