Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3715D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UC3715D
Description  Complementary Switch FET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3715D Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC3715D Datasheet HTML 7Page - Texas Instruments UC3715D Datasheet HTML 8Page - Texas Instruments UC3715D Datasheet HTML 9Page - Texas Instruments UC3715D Datasheet HTML 10Page - Texas Instruments UC3715D Datasheet HTML 11Page - Texas Instruments UC3715D Datasheet HTML 12Page - Texas Instruments UC3715D Datasheet HTML 13Page - Texas Instruments UC3715D Datasheet HTML 14Page - Texas Instruments UC3715D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Aug-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UC1714J
OBSOLETE
CDIP
J
8
TBD
Call TI
Call TI
-55 to 125
UC1715J
OBSOLETE
CDIP
J
8
TBD
Call TI
Call TI
-55 to 125
UC1715J883B
OBSOLETE
CDIP
J
8
TBD
Call TI
Call TI
-55 to 125
UC2714D
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-250C-1 YEAR
-40 to 85
UC2714D
UC2714DG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-250C-1 YEAR
-40 to 85
UC2714D
UC2714DTR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-250C-1 YEAR
-40 to 85
UC2714D
UC2714J
OBSOLETE
CDIP
J
8
TBD
Call TI
Call TI
-40 to 85
UC2715D
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-250C-1 YEAR
-40 to 85
UC2715D
UC2715DP
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
UC2715DP
UC2715DTR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
UC2715D
UC2715DTRG4
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
UC2715D
UC3714D
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-250C-1 YEAR
0 to 70
UC3714D
UC3714DG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-250C-1 YEAR
0 to 70
UC3714D
UC3714DTR
ACTIVE
SOIC
D
8
TBD
Call TI
Call TI
0 to 70
UC3714D
UC3715D
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UC3715D
UC3715DG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
UC3715D
UC3715DP
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
UC3715DP
UC3715DPG4
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
UC3715DTR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-250C-1 YEAR
0 to 70
UC3715D
(1) The marketing status values are defined as follows:


Similar Part No. - UC3715D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3715D TI1-UC3715D Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC3715DG4 TI1-UC3715DG4 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC3715DP TI1-UC3715DP Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC3715DPG4 TI1-UC3715DPG4 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC3715DTR TI1-UC3715DTR Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

Similar Description - UC3715D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1714 TI1-UC1714_13 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI-UC1714 Datasheet
274Kb / 8P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
[Old version datasheet]   COMPLIMENTARY SWITCH FET DRIVERS
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
   COMPLEMENTARY DUAL TMOS POWER FET
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com