Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1580-2 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC1580-2
Description  Single Ended Active Clamp/Reset PWM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1580-2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC1580-2 Datasheet HTML 2Page - Texas Instruments UCC1580-2 Datasheet HTML 3Page - Texas Instruments UCC1580-2 Datasheet HTML 4Page - Texas Instruments UCC1580-2 Datasheet HTML 5Page - Texas Instruments UCC1580-2 Datasheet HTML 6Page - Texas Instruments UCC1580-2 Datasheet HTML 7Page - Texas Instruments UCC1580-2 Datasheet HTML 8Page - Texas Instruments UCC1580-2 Datasheet HTML 9Page - Texas Instruments UCC1580-2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
UCC1580-1,-2,-3,-4
UCC2580-1,-2,-3,-4
UCC3580-1,-2,-3,-4
The soft start pin provides an effective means to start
the IC in a controlled manner. An internal current of
20 A begins charging a capacitor connected to SS once
the startup conditions listed above have been met. The
voltage on SS effectively controls maximum duty cycle
on OUT1 during the charging period. OUT2 is also con-
trolled during this period (see Figure 1). Negation of any
of the startup conditions causes SS to be immediately
discharged. Internal circuitry ensures full discharge of
SS (to 0.3V) before allowing charging to begin again,
provided all the startup conditions are again met.
Oscillator
Simplified oscillator block diagram and waveforms are
shown in Figure 3. OSC1 and OSC2 pins are used to
program the frequency and maximum duty cycle. Capac-
itor CT is alternately charged through R1 and discharged
through R2 between levels of 1.67 V and 3.3 V. The
charging and discharging equations for CT are given by
VC(cha rge ) =
• 1
• e
- t
1
VREF
-
æ
è
ç
ö
ø
÷
2
3
t
VC(dis cha rge ) =
V
e
REF
- t
2
2
3 ··
t
where
t1 =R1•CT and t2 = R2 • CT. The charge time
and discharge time are given by
tCH = 0.69 • R1 • CT and tDIS =0.69•R2•CT
The CLK output is high during the discharge period. It
blanks the output to limit the maximum duty cycle of
OUT1. The frequency and maximum duty cycle are
given by
()
Fre que ncy =
1.44
(R1+ R2) • CT + 27 pF
Ma ximum Duty Cycle =
R1
R1+ R2
Maximum Duty Cycle for OUT1 will be slightly less due
to Delay1 which is programmed by R3.
Voltage Feedforward and Volt-Second Clamp
UCC3580 has a provision for input voltage feedforward.
As shown in Figure 3, the ramp slope is made propor-
tional to input line voltage by converting it into a charging
current for CR. This provides a first order cancellation of
the effects of line voltage changes on converter perfor-
mance. The maximum volt-second clamp is provided to
protect against transient saturation of the transformer
core. It terminates the OUT1 pulse when the RAMP volt-
age exceeds 3.3V. If the feedforward feature is not used,
the ramp can be generated by tying R4 to REF. How-
ever, the linearity of ramp suffers and in this case the
maximum volt-second clamp is no longer available.
Figure 3. Oscillator and ramp circuits.
UDG-96016-1
Delay Times
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
600
700
800
900
1000
R3 ProgrammingResistor k
W
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
Delay Ratio
Delay1
Delay2
Figure 2. Delay times.
APPLICATION INFORMATION (cont.)


Similar Part No. - UCC1580-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580-2 TI-UCC1580-2 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-2 TI1-UCC1580-2 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - UCC1580-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
International Rectifier
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com