Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC5170CQTR Datasheet(PDF) 1 Page - Texas Instruments

Part # UC5170CQTR
Description  Octal Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC5170CQTR Datasheet(HTML) 1 Page - Texas Instruments

  UC5170CQTR Datasheet HTML 1Page - Texas Instruments UC5170CQTR Datasheet HTML 2Page - Texas Instruments UC5170CQTR Datasheet HTML 3Page - Texas Instruments UC5170CQTR Datasheet HTML 4Page - Texas Instruments UC5170CQTR Datasheet HTML 5Page - Texas Instruments UC5170CQTR Datasheet HTML 6Page - Texas Instruments UC5170CQTR Datasheet HTML 7Page - Texas Instruments UC5170CQTR Datasheet HTML 8Page - Texas Instruments UC5170CQTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UC5170C
FUNCTIONAL TABLE
INPUTS
OUTPUTS
HIGH
LOW
EN
DATA
EIA-232E
(2)
EIA423A+EIA232E
0
0
(V+)-3V
5V to 6V
0
1
(V-)-3V
−5V to -6V
1
X
High Z
High Z
Note 2: Minimum output swings.
N PACKAGE (TOP VIEW)
Q PACKAGE (TOP VIEW)
Octal Line Driver
FEATURES
Eight Single Ended Line Drivers in
One Package
Meets EIA Standards
EIA232E/V.28, EIA423A and
CCITT V.10/X.26
Single External Resistor Controls
Slew Rate
Wide Supply Voltage Range
Tri-State Outputs
Output Short-Circuit Protection
DESCRIPTION
The UC5170C is a single-ended octal line driver designed to meet both
standard modem control applications (EIA232E/V.28), and long line drive
applications (EIA423A/V.10/X.26). The slew rate for all eight drivers is con-
trolled by a single external resistor. The slew rate and output levels in Low
Mode are independent of the power variations.
Mode selection is easily accomplished by taking the select pins (MS+ and
MS-) to ground for low output mode (EIA232E/V.28 and EIA423A/V.10) or
to their respective supplies for high mode (EIA232E/V.28). High mode
should only by used to drive adapters that take power from the control
lines, or applications using high threshold receivers.
ABSOLUTE MAXIMUM RATINGS (Note 1)
V+ (Pin 20) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
V- (Pin 11). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
−15V
PLCC Power Dissipation, TA = 25°C (Note 2) . . . . . . 1000 mW
DIP Power Dissipation, TA = 25°C (Note 2) . . . . . . . . 1250 mW
Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
−1.5V to +7V
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . .
−12V to +12V
Slew Rate Resistor . . . . . . . . . . . . . . . . . . . . . . . . . . 2k to 10k
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Note 1: All voltages are with respect to ground, pin 18.
Note 2: Consult Packaging Section of Databook for thermal limi-
tations and considerations of packages.
CONNECTION DIAGRAMS
SLUS248A - JULY 1995 - REVISED MAY 2004


Similar Part No. - UC5170CQTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5170CQ TI-UC5170CQ Datasheet
262Kb / 9P
[Old version datasheet]   Octal Line Driver
More results

Similar Description - UC5170CQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5170 STMICROELECTRONICS-L5170 Datasheet
150Kb / 9P
   OCTAL LINE DRIVER
logo
Texas Instruments
UC5171 TI-UC5171 Datasheet
240Kb / 5P
[Old version datasheet]   Octal Line Driver
UC5170CQ TI-UC5170CQ Datasheet
262Kb / 9P
[Old version datasheet]   Octal Line Driver
UC5170C TI-UC5170C Datasheet
243Kb / 5P
[Old version datasheet]   Octal Line Driver
UC5172 TI-UC5172 Datasheet
241Kb / 5P
[Old version datasheet]   Octal Line Driver
UC5172 TI1-UC5172_10 Datasheet
257Kb / 6P
[Old version datasheet]   Octal Line Driver
UC5171 TI1-UC5171_08 Datasheet
246Kb / 5P
[Old version datasheet]   Octal Line Driver
logo
ON Semiconductor
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com