Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC5170C Datasheet(PDF) 5 Page - Texas Instruments

Part # UC5170C
Description  Octal Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC5170C Datasheet(HTML) 5 Page - Texas Instruments

  UC5170C_15 Datasheet HTML 1Page - Texas Instruments UC5170C_15 Datasheet HTML 2Page - Texas Instruments UC5170C_15 Datasheet HTML 3Page - Texas Instruments UC5170C_15 Datasheet HTML 4Page - Texas Instruments UC5170C_15 Datasheet HTML 5Page - Texas Instruments UC5170C_15 Datasheet HTML 6Page - Texas Instruments UC5170C_15 Datasheet HTML 7Page - Texas Instruments UC5170C_15 Datasheet HTML 8Page - Texas Instruments UC5170C_15 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Mar-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UC5170CJ
OBSOLETE
CDIP
J
28
TBD
Call TI
Call TI
UC5170CN
OBSOLETE
UTR
TBD
Call TI
Call TI
UC5170CQ
OBSOLETE
PLCC
FN
28
TBD
Call TI
Call TI
UC5170CQ
UC5170CQTR
OBSOLETE
PLCC
FN
28
TBD
Call TI
Call TI
UC5170CQ
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - UC5170C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5170CQ TI-UC5170CQ Datasheet
262Kb / 9P
[Old version datasheet]   Octal Line Driver
More results

Similar Description - UC5170C_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5170 STMICROELECTRONICS-L5170 Datasheet
150Kb / 9P
   OCTAL LINE DRIVER
logo
Texas Instruments
UC5171 TI-UC5171 Datasheet
240Kb / 5P
[Old version datasheet]   Octal Line Driver
UC5170CQ TI-UC5170CQ Datasheet
262Kb / 9P
[Old version datasheet]   Octal Line Driver
UC5170C TI-UC5170C Datasheet
243Kb / 5P
[Old version datasheet]   Octal Line Driver
UC5172 TI-UC5172 Datasheet
241Kb / 5P
[Old version datasheet]   Octal Line Driver
UC5172 TI1-UC5172_10 Datasheet
257Kb / 6P
[Old version datasheet]   Octal Line Driver
UC5171 TI1-UC5171_08 Datasheet
246Kb / 5P
[Old version datasheet]   Octal Line Driver
logo
ON Semiconductor
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com