Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC24IPFB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC24IPFB
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC24IPFB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC24IPFB Datasheet HTML 2Page - Texas Instruments TLV320AIC24IPFB Datasheet HTML 3Page - Texas Instruments TLV320AIC24IPFB Datasheet HTML 4Page - Texas Instruments TLV320AIC24IPFB Datasheet HTML 5Page - Texas Instruments TLV320AIC24IPFB Datasheet HTML 6Page - Texas Instruments TLV320AIC24IPFB Datasheet HTML 7Page - Texas Instruments TLV320AIC24IPFB Datasheet HTML 8Page - Texas Instruments TLV320AIC24IPFB Datasheet HTML 9Page - Texas Instruments TLV320AIC24IPFB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
www.ti.com
Digital Inputs and Outputs
ADC PATH FILTER
ADC DYNAMIC PERFORMANCE
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
FS = 8 KHz, outputs not loaded
PARAMETER
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, DOUT
0.8 IOVDD
V
VOL
Low-level output voltage, DOUT
0.1 IOVDD
V
IIH
High-level input current, any digital input
5
µA
IIL
Low-level input current, any digital input
5
µA
Ci
Input capacitance
3
pF
Co
Output capacitance
5
pF
FS = 8 KHz (1)(2)
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
PATH FILTER
FIR FILTER
IIR FILTER
0 Hz to 60 Hz
-27 / 0.07
-27 / 0.15
60 Hz to 200 Hz
-1 / 0.07
-0.75 / 0.15
200 Hz to 300 Hz
-0.03 / 0.05
0. 11 / 0.15
300 Hz to 2.4 KHz
-0.1
0.15
-0.1
0.25
Filter gain relative to gain
2.4 kHz to 3 kHz
-0.05
0.15
-0.5
0.2
dB
at 1020 Hz
3 kHz to 3.4 KHz
-0.5
0.1
-0.5
0.2
3.4 kHz to 3.6 KHz
-0.4
0.15
4 KHz
-26
-42
4.5 KHz to 72 kHz
-52
-52
(1)
The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The analog input test signal is a sine wave with
0 dB = 4 VI(PP) as the reference level for the analog input signal. The pass band is 0 to 3600 Hz for an 8-KHz sample rate. This pass
band scales linearly with the sample rate.
(2)
The filter characteristics are specified by design and are not tested in production. In places where more than one value is specified, the
first value is with the High Pass Filter on and the second value is with the HPF off
With FIR Filter, FS = 8 KHz (1)
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
Line In Driver
AIC20/21/24/25
AIC20k/24k
VI = -3 dB
81
84
70
84
SNR
Signal-to-noise ratio
VI = -9 dB
73
76
76
VI = -3 dB
83
90
70
90
THD
Total harmonic distortion
dB
VI = -9 dB
81
88
88
VI = -3 dB
80
83
83
Signal-to-harmonic
THD+N
distortion + noise
VI = -9 dB
73
76
76
(1)
The test condition is a differential 1020-Hz input signal with an 8-KHz conversion rate. Input and output common mode is 1.35 V.
6


Similar Part No. - TLV320AIC24IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC24IPFB TI-TLV320AIC24IPFB Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC24IPFB TI-TLV320AIC24IPFB Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC24IPFBG4 TI-TLV320AIC24IPFBG4 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC24IPFBG4 TI-TLV320AIC24IPFBG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC24IPFBR TI-TLV320AIC24IPFBR Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results

Similar Description - TLV320AIC24IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
   CMOS 16-bit highly integrated microcontroller
1999 Sep 24
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Analog Devices
AD7725 AD-AD7725 Datasheet
442Kb / 28P
   16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com