Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC25 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC25
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC25 Datasheet(HTML) 2 Page - Texas Instruments

  TLV320AIC25 Datasheet HTML 1Page - Texas Instruments TLV320AIC25 Datasheet HTML 2Page - Texas Instruments TLV320AIC25 Datasheet HTML 3Page - Texas Instruments TLV320AIC25 Datasheet HTML 4Page - Texas Instruments TLV320AIC25 Datasheet HTML 5Page - Texas Instruments TLV320AIC25 Datasheet HTML 6Page - Texas Instruments TLV320AIC25 Datasheet HTML 7Page - Texas Instruments TLV320AIC25 Datasheet HTML 8Page - Texas Instruments TLV320AIC25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
www.ti.com
DESCRIPTION
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
The TLV320AIC2x is a low-cost, low-power, highly-integrated, high-performance, dual-voice codec. It features
two 16-bit analog-to-digital (A/D) channels and two 16-bit digital-to-analog (D/A) channels, which can be
connected to a handset, headset, speaker, microphone, or a subscriber line via a programmable analog
crosspoint.
The TLV320AIC2x provides high resolution signal conversion from digital-to-analog (D/A) and from
analog-to-digital (A/D) using oversampling sigma-delta technology with programmable sampling rate.
The TLV320AIC2x implements the smart time division multiplexed serial port (SMARTDM™) . The SMARTDM
port is a synchronous 4-wire serial port in TDM format for glue-free interface to TI DSPs (i.e., TMS320C5000
®,
TMS320C6000
® DSP platforms) and microcontrollers. The SMARTDM™ supports both continuous data transfer
mode and on-the-fly reconfiguration programming mode. The TLV320AIC2x can be gluelessly cascaded to any
SMARTDM-based device to form a multichannel codec, and up to eight TLV320AIC2x codecs can be cascaded
to a single serial port.
The TLV320AIC2x provides a flexible host port. The host port interface is a two-wire serial interface that can be
programmed to be either an industrial standard I
2C or a simple S2C (start-stop communication protocol).
The TLV320AIC2x integrates all of the critical functions needed for most voice-band applications including MIC
preamplifier, handset amplifier headset amplifier, 8-
Ω speaker driver, sidetone control, antialiasing filter (AAF),
input/output programmable gain amplifier (PGA), and selectable low-pass IIR/FIR filters.
The TLV320AIC2x implements an extensive power management; including device power-down, independent
software control for turning off ADC, DAC, operational-amplifiers, and IIR/FIR filter (bypassable) to maximize
system power conservation. The TLV320AIC2x consumes only 14.9 mW per channel at 3 V.
The TLV320AIC2x low power operation from 2.7-V to 3.6-V power supplies along with extensive power
management make it ideal for portable applications including wireless accessories, hands-free car kits, VOIP,
cable modem, and speech processing. Its low group delay characteristic makes it suitable for single or
multichannel active control applications.
The TLV320AIC2x is characterized for commercial operation from 0°C to 70°C, and industrial operation from
-40°C to 85°C. The TLV320AIC2xk is characterized for industrial operation from -40°C to 85°C.
ORDERING INFORMATION
TA
48-TQFP PFB PACKAGE(1)
0°C to 70°C
TLV320AIC2xC
-40°C to 85°C
TLV320AIC2xI
(1)
For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI website at www.ti.com.
2


Similar Part No. - TLV320AIC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC25 TI-TLV320AIC25 Datasheet
330Kb / 50P
[Old version datasheet]   PRODUCT NOTIFICATION
TLV320AIC25 TI-TLV320AIC25 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25C TI-TLV320AIC25C Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25CPFB TI-TLV320AIC25CPFB Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25CPFB TI-TLV320AIC25CPFB Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV320AIC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
   CMOS 16-bit highly integrated microcontroller
1999 Sep 24
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Analog Devices
AD7725 AD-AD7725 Datasheet
442Kb / 28P
   16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com