Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ST16C450 Datasheet(PDF) 4 Page - Exar Corporation

Part No. ST16C450
Description  UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

 
 4 page
background image
ST16C450
4
Rev. 4.20
Symbol
Pin
Signal
Pin Description
40
44
48
type
A0
28
31
28
I
Address-0 Select Bit Internal registers address selection.
A1
27
30
27
I
Address-1 Select Bit Internal registers address selection.
A2
26
29
26
I
Address-2 Select Bit Internal registers address selection.
IOR
22
25
20
I
Read data strobe. Its function is the same as -IOR (see -
IOR), except it is active high. Either an active -IOR or IOR
is required to transfer data from 16C450 to CPU during a
read operation.
CS0
12
14
9
I
Chip Select-0. Logical 1 on this pin provides the chip select-
0 function.
CS1
13
15
10
I
Chip Select-1. Logical 1 on this pin provides the chip select-
1 function.
-CS2
14
16
11
I
Chip Select -2. Logical 0 on this pin provides the chip select-
2 function.
IOW
19
21
17
I
Write data strobe. Its function is the same as -IOW (see -
IOW), but it acts as an active high input signal. Either -IOW
or IOW is required to transfer data from the CPU to
ST16C450 during a write operation.
-AS
25
28
24
I
Address Strobe. A logic 0 transition on -AS latches the state
of the chip selects and the register select bits, A0-A2. This
input is used when address and chip selects are not stable
for the duration of a read or write operation, i.e., a micropro-
cessor that needs to de-multiplex the address and data bits.
If not required, the -AS input can be permanently tied to a
logic 0 (it is edge triggered).
D0-D7
1-8
2-9
43-47
2-4
I/O
Data Bus (Bi-directional) - These pins are the eight bit, tri-
state data bus for transferring information to or from the
controlling CPU. D0 is the least significant bit and the first
data bit in a transmit or receive serial data stream.
GND
20
22
18
Pwr
Signal and Power Ground.
SYMBOL DESCRIPTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreHarris Corporation
SC16C650AUniversal Asynchronous Receiver/Transmitter UART with 32-byte FIFO and infrared IrDA encoder/decoder 1 2 3 4 5 MoreNXP Semiconductors
SCC2691Universal asynchronous receiver/transmitter UART 1 2 3 4 5 MoreNXP Semiconductors
HD-6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
SCC2698BEnhanced octal universal asynchronous receiver/transmitter Octal UART 1 2 3 4 5 MoreNXP Semiconductors
SC16C550Universal Asynchronous Receiver/Transmitter UART with 16-byte FIFO and infrared IrDA encoder/decoder 1 2 3 4 5 MoreNXP Semiconductors
ST16C454QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART 1 2 3 4 5 MoreExar Corporation
CDP1854AProgrammable Universal Asynchronous Receiver/Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
HD-6402883CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
HD-6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl