Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ST16C450 Datasheet(PDF) 2 Page - Exar Corporation

Part No. ST16C450
Description  UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

 
 2 page
background image
ST16C450
2
Rev. 4.20
Figure 1, PACKAGE DESCRIPTION, ST16C450
48 Pin TQFP Package
40 Pin DIP Package
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
N.C.
D5
D6
D7
RCLK
N.C.
RX
TX
CS0
CS1
-CS2
-BAUDOUT
N.C.
RESET
-OP1
-DTR
-RTS
-OP2
INT
N.C.
A0
A1
A2
N.C.
ST16C450CQ48
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
D0
D1
D2
D3
D4
D5
D6
D7
RCLK
RX
TX
CS0
CS1
-CS2
-BAUDOUT
XTAL1
XTAL2
-IOW
IOW
GND
VCC
-RI
-CD
-DSR
-CTS
RESET
-OP1
-DTR
-RTS
-OP2
INT
N.C.
A0
A1
A2
-AS
CSOUT
-DDIS
IOR
-IOR




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreHarris Corporation
SC16C650AUniversal Asynchronous Receiver/Transmitter UART with 32-byte FIFO and infrared IrDA encoder/decoder 1 2 3 4 5 MoreNXP Semiconductors
SCC2691Universal asynchronous receiver/transmitter UART 1 2 3 4 5 MoreNXP Semiconductors
HD-6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
SCC2698BEnhanced octal universal asynchronous receiver/transmitter Octal UART 1 2 3 4 5 MoreNXP Semiconductors
SC16C550Universal Asynchronous Receiver/Transmitter UART with 16-byte FIFO and infrared IrDA encoder/decoder 1 2 3 4 5 MoreNXP Semiconductors
ST16C454QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART 1 2 3 4 5 MoreExar Corporation
CDP1854AProgrammable Universal Asynchronous Receiver/Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
HD-6402883CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
HD-6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl