Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5695HL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA5695HL
Description  Enhanced TV microcontrollers with On-Screen Display (OSD)
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5695HL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA5695HL Datasheet HTML 4Page - NXP Semiconductors SAA5695HL Datasheet HTML 5Page - NXP Semiconductors SAA5695HL Datasheet HTML 6Page - NXP Semiconductors SAA5695HL Datasheet HTML 7Page - NXP Semiconductors SAA5695HL Datasheet HTML 8Page - NXP Semiconductors SAA5695HL Datasheet HTML 9Page - NXP Semiconductors SAA5695HL Datasheet HTML 10Page - NXP Semiconductors SAA5695HL Datasheet HTML 11Page - NXP Semiconductors SAA5695HL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
2002 May 06
8
Philips Semiconductors
Objective specification
Enhanced TV microcontrollers with
On-Screen Display (OSD)
SAA567x; SAA569x
G
47
O
pixel rate output of the GREEN colour information
R
48
O
pixel rate output of the RED colour information
VDS
52
O
video/data switch push-pull output for dot rate fast blanking
HSYNC
53
I
Schmitt-triggered input for a TTL-level version of the horizontal sync pulse;
the polarity of this pulse is programmable by register bit TXT1.H POLARITY
VSYNC
55
I
Schmitt-triggered input for a TTL-level version of the vertical sync pulse; the
polarity of this pulse is programmable by register bit TXT1.V POLARITY
VSSP
12, 60
periphery ground
VDDC
63
3.3 V core power supply
OSCGND
69
crystal oscillator ground
XTALIN
70
I
12 MHz crystal oscillator input
XTALOUT
71
O
12 MHz crystal oscillator output
RESET
72
I
if the reset input is LOW for at least 24 crystal oscillator periods while the
oscillator is running, the device is reset (internal pull-up)
RESET
73
I
if the reset input is HIGH for at least 24 crystal oscillator periods while the
oscillator is running, the device is reset. This pin should be connected to
VDDC via a capacitor if an active HIGH reset is required (internal pull-down).
VDDP
75
3.3 V periphery power supply
P1.0/INT1
76
I/O
Port 1: 8-bit programmable bidirectional port with alternative functions.
P1.0/INT1 is external interrupt 1 which can be triggered on the rising and
falling edge of the pulse; P1.1/T0 is Timer/counter 0; P1.2/INT0 is external
interrupt 0; P1.3/T1 is Timer/counter 1; P1.6/SCL0 is the serial clock input
for the I2C-bus; P1.7/SDA0 is the serial data port for the I2C-bus; P1.4/SCL1
is the serial clock input for the I2C-bus; P1.5/SDA1 is the serial data port for
the I2C-bus
P1.1/T0
78
I/O
P1.2/INT0
79
I/O
P1.3/T1
80
I/O
P1.6/SCL0
81
I/O
P1.7/SDA0
82
I/O
P1.4/SCL1
83
I/O
P1.5/SDA1
84
I/O
RD
9
O
read control signal to external data memory
WR
10
O
write control signal to external data memory
EA
14
I
control signal used to select external (LOW) or internal (HIGH) program
memory (internal pull-up)
PSEN
19
O
enable signal for external program memory
ALE
20
O
external latch enable signal; active HIGH
AD0 to AD7
85 to 92
I/O
address lines A0 to A7 multiplexed with data lines D0 to D7
A0 to A7
49, 40, 39,
38, 27, 26,
23, 15
O
address lines A0 to A7
A8 to A14
67 to 64,
37, 36, 8
O
address lines A8 to A14
A15_LN to A17_LN
7, 77, 3
O
address lines A15 to A17; note 1
MOVX_WR
68
O
MOVX Write for Hitex 80C51 emulation (internal MOVX Write instruction)
MOVX_RD
74
O
MOVX Read for Hitex 80C51 emulation (internal MOVX Read instruction)
SYMBOL
PIN
TYPE
DESCRIPTION


Similar Part No. - SAA5695HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5645HL PHILIPS-SAA5645HL Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA5647HL PHILIPS-SAA5647HL Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA5665HL PHILIPS-SAA5665HL Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA5667HL PHILIPS-SAA5667HL Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
More results

Similar Description - SAA5695HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
   Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
List of Unclassifed Man...
MTV016 ETC-MTV016 Datasheet
104Kb / 11P
   Enhanced On-Screen-Display Controller
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
logo
List of Unclassifed Man...
MTV021 ETC-MTV021 Datasheet
205Kb / 17P
   Enhanced Super On-Screen Display
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
   Color TV ON-Screen Display Interface
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com