Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5580IDWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV5580IDWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580IDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5580IDWR Datasheet HTML 7Page - Texas Instruments TLV5580IDWR Datasheet HTML 8Page - Texas Instruments TLV5580IDWR Datasheet HTML 9Page - Texas Instruments TLV5580IDWR Datasheet HTML 10Page - Texas Instruments TLV5580IDWR Datasheet HTML 11Page - Texas Instruments TLV5580IDWR Datasheet HTML 12Page - Texas Instruments TLV5580IDWR Datasheet HTML 13Page - Texas Instruments TLV5580IDWR Datasheet HTML 14Page - Texas Instruments TLV5580IDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
11
PERFORMANCE PLOTS AT 25
°C (Continued)
80 MSPS
40 MSPS
60 MSPS
25
20
10
0
0
10
203040
5060
40
45
Analog Input Frequency − MHz
50
70
80
90
100
35
30
15
5
Figure 4. S/(THD+N) vs VIN At 80 MSPS (Internal Reference),
60 MSPS (External Reference), 40 MSPS (External Reference)
−40
−60
−90
0
5
10
15
20
25
30
−30
−20
f − Frequency − MHz
−10
0
−50
−70
−80
Figure 5. Spectral Plot fIN = 1.011 MHz At 60 MSPS


Similar Part No. - TLV5580IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580 TI-TLV5580 Datasheet
531Kb / 34P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580DW TI-TLV5580DW Datasheet
531Kb / 34P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580PW TI-TLV5580PW Datasheet
531Kb / 34P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
More results

Similar Description - TLV5580IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580 TI-TLV5580 Datasheet
531Kb / 34P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com