Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5510INSR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV5510INSR
Description  2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5510INSR Datasheet(HTML) 3 Page - Texas Instruments

  TLV5510INSR Datasheet HTML 1Page - Texas Instruments TLV5510INSR Datasheet HTML 2Page - Texas Instruments TLV5510INSR Datasheet HTML 3Page - Texas Instruments TLV5510INSR Datasheet HTML 4Page - Texas Instruments TLV5510INSR Datasheet HTML 5Page - Texas Instruments TLV5510INSR Datasheet HTML 6Page - Texas Instruments TLV5510INSR Datasheet HTML 7Page - Texas Instruments TLV5510INSR Datasheet HTML 8Page - Texas Instruments TLV5510INSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TLV5510
2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
SLAS124C– DECEMBER 1997 – REVISED DECEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VDDA – AGND
2.7
3
3.6
V
Supply voltage
VDDD – DGND
2.7
3
3.6
V
AGND – DGND
– 100
0
100
mV
Reference input voltage (top), REFT
REFB+2
VDDA–0.3
V
Reference input voltage (bottom), REFB
0
0.6
REFT– 2
V
Analog input voltage range, VI(ANLG) (see Note 1)
REFB
REFT
V
High-level input voltage, VIH
2.5
V
Low-level input voltage, VIL
0.5
V
Pulse duration, clock high, tw(H)
10
ns
Pulse duration, clock low, tw(L)
10
ns
Clock frequency, f(CLK)
10
MHz
Sampling frequency, fs
10
MSPS
NOTE 1: REFT – REFB
≤ 2.4 V maximum
electrical characteristics at VDDD = VDDA = 3 V, REFT = 2.5 V, REFB = 0.5 V, f(CLK) = 10 MHz,
TA = 25°C (unless otherwise noted)
digital I/O
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IIH
High-level input current
VDDD = MAX,
VIH = VDDD
5
µA
IIL
Low-level input current
VDDD = MAX,
VIL = 0
5
µA
IOH
High-level output current
OE = GND,
VDDD = MIN,
VOH = VDDD – 0.5 V
– 1.6
mA
IOL
Low-level output current
OE = GND,
VDDD = MIN,
VOL = 0.4 V
2.6
mA
IOZH
High-level high-impedance-state
output leakage current
OE = VDDD,
VDDD = MAX
VOH = VDDD
15
µA
IOZL
Low-level high-impedance-state
output leakage current
OE = VDDD,
VDDD = MIN
VOL = 0
15
µA
† Conditions marked MIN or MAX are as stated in recommended operating conditions.
power
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IDD
Supply current
fsin = 1 MHz sine wave, reference resistor dissipation is separate
4
10
mA
Iref
Reference voltage current
∆REF = REFT – REFB = 2 V
6
10
14
mA
† Conditions marked MIN or MAX are as stated in recommended operating conditions.


Similar Part No. - TLV5510INSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5510INS TI-TLV5510INS Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLV5510INSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5510 TI-TLV5510 Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8766 PHILIPS-TDA8766 Datasheet
157Kb / 20P
   10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
1996 Mar 20
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7826 TI-ADS7826 Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com