Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER201 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ER201
Description  SUPER FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER201 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ER201 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER201 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 2.0 A
VOLTAGE RANGE: 100 - 600V
ER202
ER203
ER204
ER206
1 of 2
ER201 - ER206
SUPER FAST RECOVERY RECTIFIER DIODES
Low cost
Low leakage
Low forward voltage drop
High current capability
Maximumrecurrent peak reverse voltage
VRRM
200
300
400
600
V
MaximumRMS voltage
VRMS
140
210
280
420
V
MaximumDC blocking voltage
VDC
200
300
400
600
V
Maximumaverage forw ard rectified current
9.5mmlead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 2.0A
VF
1.7
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Maximumreverse recovery time (Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
100
40
35
62
0.95
1.25
200.0
A
5.0
Easilycleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
2.0
ER201
100
70
3.Thermal resistance junction to ambient.
A
50.0
IR
IFSM
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
- 55 ----- + 150
Features
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
Weight : 0.465 gram
Case : DO-15 Molded plastic
Mechanical Data
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Polarity : Color band denotes cathode end
Mounting position : Any
!
!
!
!
!
!
!
!
!
!
www.sunmate.tw
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
Method 208 guaranteed


Similar Part No. - ER201

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER201 PANJIT-ER201 Datasheet
67Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Jiangsu High diode Semi...
ER201 HDSEMI-ER201 Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
logo
Transys Electronics
ER201 TRSYS-ER201 Datasheet
188Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
ER201 ZSELEC-ER201 Datasheet
116Kb / 2P
   2.0A SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER201 PANJIT-ER201 Datasheet
54Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER201

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BYW98-50 SUNMATE-BYW98-50 Datasheet
371Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
ER800 SUNMATE-ER800 Datasheet
278Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
ER101 SUNMATE-ER101 Datasheet
377Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
SF61 SUNMATE-SF61 Datasheet
379Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
SF51G SUNMATE-SF51G Datasheet
353Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
SF61G SUNMATE-SF61G Datasheet
565Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
ER500 SUNMATE-ER500 Datasheet
280Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
   FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com