Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4120 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV4120
Description  HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4120 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV4120_14 Datasheet HTML 2Page - Texas Instruments TLV4120_14 Datasheet HTML 3Page - Texas Instruments TLV4120_14 Datasheet HTML 4Page - Texas Instruments TLV4120_14 Datasheet HTML 5Page - Texas Instruments TLV4120_14 Datasheet HTML 6Page - Texas Instruments TLV4120_14 Datasheet HTML 7Page - Texas Instruments TLV4120_14 Datasheet HTML 8Page - Texas Instruments TLV4120_14 Datasheet HTML 9Page - Texas Instruments TLV4120_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TLV4120
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL
AMPLIFIER WITH SHUTDOWN
SLOS310B − DECEMBER 2000 − REVISED SEPTEMBER 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
50 100 150 200 250 300 350 400 450
VO = Positive & Negative
VDD = 2.7 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
TA = 25°C
TA = 0°C
TA = −40°C
TA = 85°C
Figure 2
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
50
100
150
200
250
300
350
VO = Positive & Negative
VDD = 2.7 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = 25°C
TA = 0°C
TA = −40°C
TA = 85°C
IOL − Low-Level Output Current − mA
Figure 3
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
0
50 100 150 200 250 300 350 400 450 500
TA = 25°C
TA = 0°C
TA = −40°C
VO = Positive & Negative
VDD = 5 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
TA = 85°C
Figure 4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50 100 150 200 250 300 350 400 450 500
VO = Positive & Negative
VDD = 5 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
TA = 85°C
TA = 25°C
TA = 0°C
TA = −40°C
Figure 5
OUTPUT IMPEDANCE
vs
FREQUENCY
f − Frequency − Hz
100
1k
10k
100k
1M
10M
0.1
10
0.1
1000
AV = −10
AV = −1
VDD = 2.7 V & 5 V
TA = 25° C
1
100
Figure 6
RL − Load Resistance − Ω
OUTPUT POWER
vs
LOAD RESISTANCE
300
200
100
0
16
32
24
40
64
800
8
48
56
400
THD+N = 1%
f = 1 kHz
VDD = 5 V
500
600
VDD = 2.7 V
700
Figure 7
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
0
1.5
3.5 4
5
5.5
VIC = Bypass voltage
1
µF Cap on bypass
AV= 1
RL = Open
TA = −40°C
TA = 0°C
TA = 85°C
TA = 25°C
4.5
3
2.5
2
1
0.5
Figure 8
−20
−10
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1 k
10 k
VDD = 2.7 V & 5 V,
AV = −10,
RL = 100 Ω,
CL = 50 pF,
TA = 25°C
f − Frequency − Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY


Similar Part No. - TLV4120_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4120IDGN TI-TLV4120IDGN Datasheet
350Kb / 20P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - TLV4120_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4112-DIE TI1-TLV4112-DIE Datasheet
74Kb / 5P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com