Electronic Components Datasheet Search |
|
TLV3704CPW Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TLV3704CPW Datasheet(HTML) 5 Page - Texas Instruments |
5 / 26 page TLV3701 TLV3702 TLV3704 SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001 5 www.ti.com electrical characteristics at specified operating free-air temperature, VCC = 2.7 V, 5 V, 15 V (unless otherwise noted) dc performance PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT V Input offset voltage 25 °C 250 5000 V VIO Input offset voltage VIC= VCC/2, RS = 50 Ω Full range 7000 µV αVIO Offset voltage drift VIC VCC/2, RS 50 Ω 25 °C 3 µV/°C V 0 to 2 7 V R50 Ω 25 °C 55 72 VIC= 0 to 2.7 V, RS = 50 Ω Full range 50 CMRR Common mode rejection ratio V 0 to5V R50 Ω 25 °C 60 76 dB CMRR Common-mode rejection ratio VIC= 0 to 5 V, RS = 50 Ω Full range 55 dB V 0 to 15 V R50 Ω 25 °C 65 88 VIC= 0 to 15 V, RS = 50 Ω Full range 60 AVD Large-signal differential voltage amplification 25 °C 1000 V/mV † Full range is 0 °C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C. input/output characteristics PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT I Input offset current 25 °C 20 100 pA IIO Input offset current V V /2 R 50 Ω Full range 1000 pA I Input bias current VIC = VCC/2, RS = 50 Ω 25 °C 80 250 pA IIB Input bias current Full range 1500 pA ri(d) Differential input resistance 25 °C 300 M Ω VIC = VCC/2, IOH = 2 µA, VID = 1 V 25 °C VCC– 0.08 VOH High-level output voltage V V /2 I 50 AV 1 V 25 °C VCC– 320 mV VIC = VCC/2, IOH = –50 µA, VID = 1 V Full range VCC– 450 VIC = VCC/2, IOH = 2 µA, VID = –1 V 25 °C 8 VOL Low-level output voltage VIC VCC/2 IOH 50 µAVID 1V 25 °C 80 200 mV OL g VIC = VCC/2, IOH = 50 µA, VID = –1 V Full range 300 † Full range is 0 °C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C. power supply PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT I Supply current (per channel) Output state high 25 °C 560 800 nA ICC Supply current (per channel) Output state high Full range 1000 nA V 2 7Vto5V 25 °C 75 100 PSRR Power supply rejection ratio VIC = VCC/2 V, VCC= 2.7 V to 5 V Full range 70 dB PSRR Power supply rejection ratio VIC = VCC/2 V, No load VCC=5Vto15V 25 °C 85 105 dB VCC= 5 V to 15 V Full range 80 † Full range is 0 °C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C. |
Similar Part No. - TLV3704CPW |
|
Similar Description - TLV3704CPW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |