Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2781CDBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2781CDBVR
Description  FAMILY OF 1.8V HIGHT-SPEED RAIL-TORAIL INPUT/OUTPUT
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2781CDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2781CDBVR Datasheet HTML 5Page - Texas Instruments TLV2781CDBVR Datasheet HTML 6Page - Texas Instruments TLV2781CDBVR Datasheet HTML 7Page - Texas Instruments TLV2781CDBVR Datasheet HTML 8Page - Texas Instruments TLV2781CDBVR Datasheet HTML 9Page - Texas Instruments TLV2781CDBVR Datasheet HTML 10Page - Texas Instruments TLV2781CDBVR Datasheet HTML 11Page - Texas Instruments TLV2781CDBVR Datasheet HTML 12Page - Texas Instruments TLV2781CDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
9
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 1
−1000
−800
−600
−400
−200
0
200
400
−0.2
0 0.2 0.4 0.6 0.8
1 1.2 1.4 1.6 1.8 2
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VDD=1.8 V
TA=25° C
VICR − Common-Mode Input Voltage − V
Figure 2
−400
−350
−300
−250
−200
−150
−100
−50
0
50
100
−0.2
0.2
0.6
1
1.4
1.8
2.2
2.6
3
VDD=2.7 V
TA=25 °C
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR − Common-Mode Input Voltage − V
Figure 3
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
0
10
100
10k
1M
10M
VDD = 3.6 V
VDD = 1.8 V
VDD = 2.7 V
1k
100k
Figure 4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
02
46
8
10
12
14
16
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD=1.8 V
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = −40°C
Figure 5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2 4
6
8 10 12 14 16 18 20 22 24
28
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD=1.8 V
TA=125°C
TA=70°C
TA=25°C
TA=0°C
TA=−40°C
26
Figure 6
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
5
10
15
20
25
30
35
40
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD = 2.7 V
TA=125°C
TA=70°C
TA=25°C
TA=0°C
TA=−40°C
Figure 7
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
5
10 15 20 25 30 35 40 45 50 55
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD= 2.7 V
TA=125°C
TA= 70°C
TA=25°C
TA=0°C
TA=−40°C
Figure 8
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
100
1 k
10 k
100 k
1 M
10 M
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
VO(PP)= 2.7 V
AV = −10
RL=2 kΩ
CL = 10 pF
TA = 25° C
VO(PP)= 1.8 V
Figure 9
OUTPUT IMPEDANCE
vs
FREQUENCY
f − Frequency − Hz
100
1k
10k
100k
1M
10M
0.1
10
1
100
AV = 10
AV = 1
VDD = 2.7 V
TA = 25° C


Similar Part No. - TLV2781CDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2781CDBVR TI-TLV2781CDBVR Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2781CDBVRG4 TI-TLV2781CDBVRG4 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2781CDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com