Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC32 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC32
Description  LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC32 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320DAC32 Datasheet HTML 1Page - Texas Instruments TLV320DAC32 Datasheet HTML 2Page - Texas Instruments TLV320DAC32 Datasheet HTML 3Page - Texas Instruments TLV320DAC32 Datasheet HTML 4Page - Texas Instruments TLV320DAC32 Datasheet HTML 5Page - Texas Instruments TLV320DAC32 Datasheet HTML 6Page - Texas Instruments TLV320DAC32 Datasheet HTML 7Page - Texas Instruments TLV320DAC32 Datasheet HTML 8Page - Texas Instruments TLV320DAC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
TLV320DAC32
SLAS506B – NOVEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
DESCRIPTION
NO
NAME
20
HPLCOM
High-Power Output Driver (Left Minus or Multifunctional)
21
DRVSS
Analog Output Driver Ground Supply, 0 V
22
HPRCOM
High-Power Output Driver (Right Minus or Multifunctional)
23
HPROUT
High-Power Output Driver (Right Plus)
24
DRVDD
Output Driver Voltage Supply, 2.7 V–3.6 V
25
AVDD_DAC
Analog and DAC Voltage Supply, 2.7 V–3.6 V
26,27,
28,29, AVSS_DAC
Analog and DAC Ground Supply, 0 V
30
31
RESET
Reset
Digital Core Voltage Supply, add 0.1-
µF capacitor to digital ground. Connect to 1.8-V power supply if
32
DVDD
LDO_SELECT = 0 V.
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
AVDD_DAC to AVSS_DAC, DRVDD to DRVSS
–0.3 to 3.9
V
AVDD_DAC to DRVSS
–0.3 to 3.9
V
IOVDD to IOVSS
–0.3 to 3.9
V
DVDD to IOVSS
–0.3 to 2.5
V
AVDD_DAC to DRVDD
–0.1 to 0.1
V
Digital input voltage to IOVSS
–0.3 V to IOVDD+0.3
V
Analog input voltage to AVSS_DAC
–0.3 V to AVDD_DAC+0.3
V
Operating temperature range
-40 to +85
C
Storage temperature range
-65 to +105
C
TJ Max
Junction temperature
105
C
Power dissipation
(TJ Max – TA) / θJA
θ
JA
Thermal impedance
44
C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ESD compliance tested to EIA / JESD22-A114-B and passed.
TA = 25C
TA = 75C
TA = 85C
DERATING FACTOR
POWER RATING
POWER RATING
POWER RATING
1.82 W
22.7 mW/C
681 mW
454 mW
(1)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a JEDEC standard 4-layer 3 in
נ
3 in PCB.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV320DAC32


Similar Part No. - TLV320DAC32

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJR TI1-TLV320DAC3202CYZJR Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJT TI1-TLV320DAC3202CYZJT Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
More results

Similar Description - TLV320DAC32

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com