Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV431A-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431A-Q1
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431A-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV431A-Q1 Datasheet HTML 4Page - Texas Instruments TLV431A-Q1 Datasheet HTML 5Page - Texas Instruments TLV431A-Q1 Datasheet HTML 6Page - Texas Instruments TLV431A-Q1 Datasheet HTML 7Page - Texas Instruments TLV431A-Q1 Datasheet HTML 8Page - Texas Instruments TLV431A-Q1 Datasheet HTML 9Page - Texas Instruments TLV431A-Q1 Datasheet HTML 10Page - Texas Instruments TLV431A-Q1 Datasheet HTML 11Page - Texas Instruments TLV431A-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TLV431AQ1, TLV431BQ1
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS905 − DECEMBER 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 6
CATHODE CURRENT
vs
CATHODE VOLTAGE
15
10
5
0
−5
−10
−15
− 1
− 0.5
0
0.5
1
1.5
VKA =VREF
TA = 25°C
VKA − Cathode Voltage − V
Figure 7
CATHODE CURRENT
vs
CATHODE VOLTAGE
250
200
150
100
50
0
− 200
− 250
− 1
− 0.5
0
0.5
1
1.5
VKA − Cathode Voltage − V
−50
− 100
− 150
VKA = VREF
TA = 25°C
Figure 8
20
10
0
30
OFF-STATE CATHODE CURRENT
vs
JUNCTION TEMPERATURE
(for TLV431A)
40
− 50
− 25
0
25
50
75
100
125
TJ − Junction Temperature − °C
VKA = 5 V
VREF = 0
150
OFF-STATE CATHODE CURRENT
vs
JUNCTION TEMPERATURE
(for TLV431B)
0
500
1000
1500
2000
2500
3000
−50
−25
0
25
50
75
100
125
150
VKA = 6 V
VREF = 0
Figure 8B
Figure 8A
TJ − Junction Temperature − °C
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Similar Part No. - TLV431A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLV431A-Q1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com