Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV522DGKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV522DGKR
Description  TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV522DGKR Datasheet(HTML) 5 Page - Texas Instruments

  TLV522DGKR Datasheet HTML 1Page - Texas Instruments TLV522DGKR Datasheet HTML 2Page - Texas Instruments TLV522DGKR Datasheet HTML 3Page - Texas Instruments TLV522DGKR Datasheet HTML 4Page - Texas Instruments TLV522DGKR Datasheet HTML 5Page - Texas Instruments TLV522DGKR Datasheet HTML 6Page - Texas Instruments TLV522DGKR Datasheet HTML 7Page - Texas Instruments TLV522DGKR Datasheet HTML 8Page - Texas Instruments TLV522DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Output Referred to V+ (mV)
-40°C
25°C
125°C
SRC
0
5
10
15
20
25
30
35
40
45
50
1.5
2
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
-40°C
25°C
125°C
SHR
0
100
200
300
400
500
600
700
800
900
1000
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
Common Mode Voltage (V)
125°C
85°C
25°C
0°C
-40°C
C001
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Output Referred to V- (mV)
-40°C
25°C
125°C
SNK
0
100
200
300
400
500
600
700
800
900
1000
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
125°C
85°C
25°C
0°C
-40°C
C001
V
CM = 0.3V
0
100
200
300
400
500
600
700
800
900
1000
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
125°C
85°C
25°C
0°C
-40°C
C001
V
CM = VS - 0.3V
5
TLV522
www.ti.com
SNOSD27 – MAY 2016
Product Folder Links: TLV522
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
TA = 25 °C, VOUT = VCM = VS/2, RLOAD = 1 MΩ connected to VS/2, and CL = 20 pF, unless otherwise noted.
No Output Load
VCM = 0.3 V
Figure 1. Supply Voltage vs Supply Current per Channel,
Low Vcm
No Output Load
VCM = (V+) – 0.3 V
Figure 2. Supply Voltage vs Supply Current per Channel,
High Vcm
No Output Load
Figure 3. Supply Current vs
Common Mode at 3.3 V
VS = 3.3 V
Figure 4. Output Sinking Current vs
Output Swing at 3.3 V
VS = 3.3 V
Figure 5. Output Sourcing Current vs
Output Swing at 3.3 V
Output set high (sourcing), shorted to V–
Figure 6. Output Short Circuit Current to V- vs
Supply Voltage


Similar Part No. - TLV522DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
[Old version datasheet]   TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
TLV521DCKR TI1-TLV521DCKR Datasheet
1Mb / 27P
[Old version datasheet]   TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
TLV521DCKT TI1-TLV521DCKT Datasheet
1Mb / 27P
[Old version datasheet]   TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
More results

Similar Description - TLV522DGKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV542 TI-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
[Old version datasheet]   TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
[Old version datasheet]   LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
[Old version datasheet]   LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
[Old version datasheet]   500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
logo
Analog Devices
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com